Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530 Datasheet(PDF) 101 Page - Advanced Micro Devices

Part # AM8530
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530 Datasheet(HTML) 101 Page - Advanced Micro Devices

Back Button AM8530 Datasheet HTML 97Page - Advanced Micro Devices AM8530 Datasheet HTML 98Page - Advanced Micro Devices AM8530 Datasheet HTML 99Page - Advanced Micro Devices AM8530 Datasheet HTML 100Page - Advanced Micro Devices AM8530 Datasheet HTML 101Page - Advanced Micro Devices AM8530 Datasheet HTML 102Page - Advanced Micro Devices AM8530 Datasheet HTML 103Page - Advanced Micro Devices AM8530 Datasheet HTML 104Page - Advanced Micro Devices AM8530 Datasheet HTML 105Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 194 page
background image
Support Circuitry Programming
AMD
5–7
If neither the transmit clock nor the receive clock is programmed to come from the
TRxC
pin, the output of the BRG may be made available for external use on the
TRxC pin.
Figure 5–2 shows a block diagram of the BRG. The BRG input comes from the output of
a two-input multiplexer, and the zero count condition is outputed to the External/Status
Interrupt section. The BRG may be disabled and enabled by command and is disabled by
a hardware reset.
Zero Count
÷2
Baud Rate
Generator
Clock
RTxC Pin
PCLK Pin
Select
Output
WR13
WR12
16 Bit Down Counter
Figure 5–2. Baud Rate Generator
Write to
WR14
Clock
Source
Counter
Clock
Counter First Decremented
(After Hardware Reset)
Counter First Decremented
(After Previous Disable)
End of Write to WR14 with Enable
Figure 5–3. BRG Startup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com