Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530 Datasheet(PDF) 103 Page - Advanced Micro Devices

Part # AM8530
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530 Datasheet(HTML) 103 Page - Advanced Micro Devices

Back Button AM8530 Datasheet HTML 99Page - Advanced Micro Devices AM8530 Datasheet HTML 100Page - Advanced Micro Devices AM8530 Datasheet HTML 101Page - Advanced Micro Devices AM8530 Datasheet HTML 102Page - Advanced Micro Devices AM8530 Datasheet HTML 103Page - Advanced Micro Devices AM8530 Datasheet HTML 104Page - Advanced Micro Devices AM8530 Datasheet HTML 105Page - Advanced Micro Devices AM8530 Datasheet HTML 106Page - Advanced Micro Devices AM8530 Datasheet HTML 107Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 194 page
background image
Support Circuitry Programming
AMD
5–9
5.3.3
BRG Initialization
Initializing the BRG is done in four steps. First, the time-constant is determined and
loaded into WR12 and WR13. Next, the processor must select the clock source for the
BRG by writing to bit D1 of WR14. Finally, the BRG is enabled by setting bit D0 of WR14
to ‘1’. Note that the first write to WR14 is not necessary after a hardware reset if the clock
source is to be the
RTxC pin. This is because a hardware reset automatically selects the
RTxC pin as the BRG clock source.
5.4
DATA ENCODING/DECODING
The SCC provides four data encoding methods, selected by bits D6 and D5 in WR10. An
example of these four methods is shown in Figure 5–4. Encoding may be used for asyn-
chronous or synchronous data as long as the clock mode is x1. Note that the data encod-
ing method selected is active even though the transmitter or receiver may be idling or dis-
abled.
11
001
0
Data
NRZ
NRZI
FM1
(BiPhase Mark)
FM0
(BiPhase Space)
Bit Cell Level:
High = 1
Low = 0
No Change = 1
Change = 0
Bit Center Transition:
Transition = 1
No Transition = 0
Manchester
No Transition = 1
Transition = 0
High
→Low = 1
Low
→High = 0
Figure 5–4. Data Encoding
5.4.1
NRZ (Non-Return to Zero)
In NRZ encoding a ‘1’ is represented by a High level and a ‘0’ is represented by a Low
level. In this encoding method only a minimal amount of clocking information is available
in the data stream in the form of transitions on bit-cell boundaries. In an arbitrary data
pattern this may not be sufficient to generate a clock for the data from the data itself.
5.4.2
NRZI (Non-Return to Zero Inverted)
In NRZI encoding a ‘1’ is represented by no change in the level and a ‘0’ is represented
by a change in the level. As in NRZ only a minimal amount of clocking information is
available in the data stream, in the form of transitions on bit cell boundaries. In an arbi-
trary data pattern this may not be sufficient to generate a clock for the data from the data
itself. In the case of SDLC Mode operation, where the number of consecutive ‘1’s in the
data stream is limited, a minimum number of transitions to generate a clock are guar-
anteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com