Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530 Datasheet(PDF) 107 Page - Advanced Micro Devices

Part # AM8530
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530 Datasheet(HTML) 107 Page - Advanced Micro Devices

Back Button AM8530 Datasheet HTML 103Page - Advanced Micro Devices AM8530 Datasheet HTML 104Page - Advanced Micro Devices AM8530 Datasheet HTML 105Page - Advanced Micro Devices AM8530 Datasheet HTML 106Page - Advanced Micro Devices AM8530 Datasheet HTML 107Page - Advanced Micro Devices AM8530 Datasheet HTML 108Page - Advanced Micro Devices AM8530 Datasheet HTML 109Page - Advanced Micro Devices AM8530 Datasheet HTML 110Page - Advanced Micro Devices AM8530 Datasheet HTML 111Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 194 page
background image
Support Circuitry Programming
AMD
5–13
However, if the transition marking a bit cell boundary occurs between the middle of count
16 and the middle of count 19 the DPLL is sampling the data too early in the bit cell. In
response to this the DPLL extends its count by one during the next 0 to 31 counting cycle,
which effectively moves the receive clock edges closer to to where they should be. In FM
mode any transitions occurring between the middle of count 19 in one cycle and the mid-
dle of count 12 during the next cycle are ignored by the DPLL. This is necessary to guar-
antee that any data transitions in the bit cells will not cause an adjustment to the counting
cycle.
As in NRZI mode, if an adjustment to the counting cycle is necessary, the DPLL modifies
count 5, either deleting it or doubling it. If no adjustment is necessary, the count sequence
proceeds normally. While the DPLL is in Search mode, the counter remains at count 16,
where the receive output is Low and the transmit output is Low. This fact can be used to
provide a transmit clock under software control since the DPLL is in Search mode while it
is disabled. Note that while the DPLL is disabled the transmit clock output of the DPLL
may be toggled by alternately selecting FM and NRZI mode in the DPLL. The same is
true of the receive clock.
+1
–1
+1
–1
+1
–1
+1
–1
+1
–1
+1
–1
+1
–1
+1
–1
+1
32
32
32
31
31
31
33
33
33
Receive
Data
DPLL
Output
Correction
Windows
Count
Length
Figure 5–7. DPLL in FM Mode
5.5.3.3
Manchester Decoding Mode
In addition to FM and NRZI encoded data, the DPLL may also be used to recover the
clock from Manchester encoded data, which contains a transition at the center of every bit
cell. Here it is the direction of the transition that distinguishes a ‘1’ from a ‘0’. Another
way of looking at Manchester encoding is to realize that, during the first half of the bit cell
the data are sent; during the second half of the bit cell the complement of the data are
sent. This is shown in Figure 5–9, along with the DPLL output if it thinks that the mid-bit
transitions are really bit cell boundaries. As is obvious from the figure, if the receiver sam-
ples the data on the falling edge of the DPLL receive clock output, the Manchester data
will be properly decoded. This occurs if the receiver is programmed to accept NRZ data.
5.5.3.4
FM Mode DPLL Receive Status
From the above discussion together with an examination of FM0 and FM1 data encoding,
it should be obvious that only clock transitions should exist on the receive data pin when
the DPLL is programmed to enter Search mode. If this is not the case the DPLL may at-
tempt to lock on to the data transitions. With FM0 encoding this requires continuous ‘1’s
received when leaving Search mode. In FM1 encoding it is continuous ‘0’s; with
Manchester encoded data this means alternating ‘1’s and ‘0’s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com