Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530 Datasheet(PDF) 109 Page - Advanced Micro Devices

Part # AM8530
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530 Datasheet(HTML) 109 Page - Advanced Micro Devices

Back Button AM8530 Datasheet HTML 105Page - Advanced Micro Devices AM8530 Datasheet HTML 106Page - Advanced Micro Devices AM8530 Datasheet HTML 107Page - Advanced Micro Devices AM8530 Datasheet HTML 108Page - Advanced Micro Devices AM8530 Datasheet HTML 109Page - Advanced Micro Devices AM8530 Datasheet HTML 110Page - Advanced Micro Devices AM8530 Datasheet HTML 111Page - Advanced Micro Devices AM8530 Datasheet HTML 112Page - Advanced Micro Devices AM8530 Datasheet HTML 113Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 194 page
background image
Support Circuitry Programming
AMD
5–15
5.5.4
DPLL Initialization
Initialization of the DPLL may be done at any time during the initialization sequence, but
should probably be done after the clock modes have been selected in WR11, and before
the receiver and transmitter are enabled.
When initializing the DPLL the clock source should be selected first, followed by the se-
lection of the operating mode. At this point the DPLL, may be enabled by issuing the En-
ter Search Mode command in WR14. Note that a channel or hardware reset disables the
DPLL, selects the
RTxC pin as the clock source for the DPLL, and places it in the NRZI
mode.
Note that the DPLL is not free running if it is in search mode. Unless the DPLL receives a
continuous stream of data, it will lose synchronization and enter search mode. It is there-
fore recommended that the clock input of the transmitter is fed from a continuous clock
source other than the DPLL unless it can be guaranteed the DPLL always receives
enough data to stay synchronized.
5.5.5
Am85C30-16 DPLL OPERATION AT 32 MHz
5.5.5.1
Introduction
The Digital Phase-Locked Loop (DPLL) for the Am85C30-16 can operate at twice the
data sheet frequency (32 MHz). The DPLL is used to recover clock information from a FM
data stream. This enhancement is available for
commercial product only.
All Am85C30-16 devices are tested to guarantee 32 MHz DPLL capability.
5.5.5.2
Benefit
The customer can transmit and receive serial data at 2 mb/s in FM mode. This is twice
the data rate specified in the data sheet. This is over three times what the competition
can do. As specified in the competition’s data sheet, 10 MHz part can only handle a
10 MHz clock for the DPLL. The Am85C30-16 DPLL can run at 32 MHz for both synchro-
nous (SDLC) and asynchronous modes with FM encoding. This eliminates the need for
an external DPLL and allows the user to utilize FM encoding at higher data rates.
5.5.5.3
Applications
The increased data rate of 2 mb/s is ideal for both factory and office automation applica-
tions including Local Area Networks as well as other RS485 and RS422 applications.
5.5.5.4
Description
An external 32 MHz, 50% duty cycle, TTL compatible signal to the
RTxC pin provides the
clock for the DPLL. The PCLK remains at 16 MHz. The rest of the setup is described in
detail in the previous section of this technical manual.
5.5.5.5
Competition
The competition’s data sheet for their 85C30 limits the clock for the DPLL to less than
10 MHz. This translates to only 0.625 mb/s for FM transmission and reception. The
Am85C30-16 transmits and receives FM data at 2.0 mb/s—over three times faster than
the competition’s part.
5.6
DIAGNOSTIC MODES
The SCC contains two other features useful for diagnostic purposes controlled by bits in
WR14. These are Local Loopback and Auto Echo.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com