Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530 Datasheet(PDF) 144 Page - Advanced Micro Devices

Part # AM8530
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530 Datasheet(HTML) 144 Page - Advanced Micro Devices

Back Button AM8530 Datasheet HTML 140Page - Advanced Micro Devices AM8530 Datasheet HTML 141Page - Advanced Micro Devices AM8530 Datasheet HTML 142Page - Advanced Micro Devices AM8530 Datasheet HTML 143Page - Advanced Micro Devices AM8530 Datasheet HTML 144Page - Advanced Micro Devices AM8530 Datasheet HTML 145Page - Advanced Micro Devices AM8530 Datasheet HTML 146Page - Advanced Micro Devices AM8530 Datasheet HTML 147Page - Advanced Micro Devices AM8530 Datasheet HTML 148Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 194 page
background image
Register Description
AMD
6–34
have been read out by a DMA controller independently from the CPU but the CRC status
is still available in the Frame Status FIFO.
Bit 5: Receiver Overrun Error
This bit indicates that the receive FIFO has overflowed. Only the character that has been
written over is flagged with this error, and when the character is read, the Error condition
is latched until reset by the Error Reset command. The overrun character and all subse-
quent characters received until the Error Reset command is issued causes a Special Re-
ceive Condition vector to be returned.
Bit 4: Parity Error
When parity is enabled, this bit is set for the characters whose parity does not match the
programmed sense (even/odd). This bit is latched so that once an error occurs, it remains
set until the Error Reset command is issued. If the parity in Special Condition bit is set, a
parity error causes a Special Receive Condition vector to be returned on the character
containing the error and on all subsequent characters until the Error Reset command is
issued.
Bits 3, 2, and 1: Residue Codes 2, 1, And 0
In those cases in SDLC mode where the received I-Field is not an integral multiple of the
character length, these three bits indicate the length of the I-Field and are meaningful
only for the transfer in which the end of frame bit is set. This field is set to “011” by a
channel or hardware reset and is forced to this state in Asynchronous mode. These three
bits can leave this state only if SDLC is selected and a character is received. The codes
signify the following (reference Table 6–9) when a receive character length is eight bits
per character.
I-Field bits are right–justified in all cases. If a receive character length other than eight bits
is used for the I-Field, a table similar to Table 6–9 can be constructed for each different
character length. Table 6–10 shows the residue codes for no residue (the I-Field bound-
ary lies on a character boundary).
Table 6–9. I-Field Bit Selection (8 Bits Only)
I-Field
I-Field
Residue
Residue
Residue
Bits in
Bits in
0
1
2
Last Byte
Previous Byte
100
0
3
010
0
4
110
0
5
001
0
6
101
0
7
011
0
8
111
1
8
000
2
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com