Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530 Datasheet(PDF) 140 Page - Advanced Micro Devices

Part # AM8530
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530 Datasheet(HTML) 140 Page - Advanced Micro Devices

Back Button AM8530 Datasheet HTML 136Page - Advanced Micro Devices AM8530 Datasheet HTML 137Page - Advanced Micro Devices AM8530 Datasheet HTML 138Page - Advanced Micro Devices AM8530 Datasheet HTML 139Page - Advanced Micro Devices AM8530 Datasheet HTML 140Page - Advanced Micro Devices AM8530 Datasheet HTML 141Page - Advanced Micro Devices AM8530 Datasheet HTML 142Page - Advanced Micro Devices AM8530 Datasheet HTML 143Page - Advanced Micro Devices AM8530 Datasheet HTML 144Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 194 page
background image
Register Description
AMD
6–30
Bit 7: Break/Abort IE
If this bit is set to ‘1’, a change in the Break/Abort status of the receiver causes an Exter-
nal/Status interrupt. This bit is set by a channel or hardware reset.
Bit 6: Tx Underrun/EOM
If this bit is set to ‘1’, a change of state by the Tx Underrun/EOM latch in the transmitter
causes an External/Status interrupt. This bit is set to ‘1’ by a channel or hardware reset.
Bit 5: CTS IE
If this bit is set ‘1’, a change of state on the
CTS pin causes an External/Status interrupt.
This bit is set by a channel or hardware reset.
Bit 4: SYNC/Hunt IE
If this bit is set to ‘1’, a change of state on the
SYNC pin causes an External/Status inter-
rupt in Asynchronous mode, and a change of state in the Hunt bit in the receiver causes
an External/Status interrupt in synchronous modes. This bit is set by a channel or hard-
ware reset.
Bit 3: DCD IE
If this bit is set to ‘1’, a change of state on the
DCD pin causes an External/Status inter-
rupt. This bit is set by a channel or hardware reset.
Bit 2 10x19–Bit Frame Status FIFO Enable
If this bit is set to ‘1’, the 10X19-bit FIFO array and 14-bit counter are available for use but
only if the SCC is programmed in SDLC mode.
Bit 1: Zero Count IE
If this bit is set to ‘1’, an External/Status interrupt is generated whenever the counter in
the baud rate generator reaches ‘0’. This bit is set to ‘0’ by a channel or hardware reset.
Bit 0: SDLC/HDLC Enhancement Enable
If this bit is set to ‘1’, WR7
′ can be accessed as WR7′ to allow the use of special SDLC/
HDLC options. Refer to WR7
′ for details.
6.3
READ REGISTERS
The SCC contains nine read registers in each channel. The status of these registers is
continually changing and depends on the mode of communication, received and transmit-
ted data, and the manner in which this data is transferred to and from the CPU. The fol-
lowing description details the bit assignments for each register.
6.3.1
Read Register 0 (Transmit/Receive Buffer Status
and External Status)
Read Register 0 contains the status of the receive and transmit buffers. RR0 also con-
tains the status bits for the six sources of External/Status interrupts. The bit configuration
is illustrated in Figure 6–18.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com