Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530 Datasheet(PDF) 136 Page - Advanced Micro Devices

Part # AM8530
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530 Datasheet(HTML) 136 Page - Advanced Micro Devices

Back Button AM8530 Datasheet HTML 132Page - Advanced Micro Devices AM8530 Datasheet HTML 133Page - Advanced Micro Devices AM8530 Datasheet HTML 134Page - Advanced Micro Devices AM8530 Datasheet HTML 135Page - Advanced Micro Devices AM8530 Datasheet HTML 136Page - Advanced Micro Devices AM8530 Datasheet HTML 137Page - Advanced Micro Devices AM8530 Datasheet HTML 138Page - Advanced Micro Devices AM8530 Datasheet HTML 139Page - Advanced Micro Devices AM8530 Datasheet HTML 140Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 194 page
background image
Register Description
AMD
6–26
6.2.13
Write Register 12 (Lower Byte of Baud Rate
Generator Time Constant)
WR12 contains the lower byte of the time constant for the baud rate generator. The time
constant can be changed at any time, but the new value does not take effect until the next
time the time constant is loaded into the down counter. No attempt is made to synchro-
nize the loading of the time constant into WR12 and WR13 with the clock driving the
down counter. For this reason, it is advisable to disable the baud rate generator while the
new time constant is loaded into WR12 and WR13. Ordinarily, this is done anyway to pre-
vent a load of the down counter between the writing of the upper and lower bytes of the
time constant.
The formula for determining the appropriate time constant for a given baud is shown be-
low with the desired rate in bits per second and the BR clock period in seconds. This for-
mula is derived because the counter decrements from N down to ‘0’-plus-one-cycle for
reloading the time constant and is then fed to a toggle flip-flop to make the output a
square wave. Bit positions for WR12 are shown in Figure 6–14.
Time Constant =
1
2
• (Desired Rate) • (Baud Rate)
–2
D7 D6 D5 D4 D3 D2 D1 D0
TC3
TC4
TC5
TC6
TC0
TC1
TC2
TC7
Lower Byte of
Time Constant
Figure 6–14. Write Register 12
6.2.14
Write Register 13 (Upper Byte of Baud Rate
Generator Time Constant)
WR13 contains the upper byte of the time constant for the baud rate generator. Bit posi-
tions for WR13 are shown in Figure 6–15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com