Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530 Datasheet(PDF) 134 Page - Advanced Micro Devices

Part # AM8530
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530 Datasheet(HTML) 134 Page - Advanced Micro Devices

Back Button AM8530 Datasheet HTML 130Page - Advanced Micro Devices AM8530 Datasheet HTML 131Page - Advanced Micro Devices AM8530 Datasheet HTML 132Page - Advanced Micro Devices AM8530 Datasheet HTML 133Page - Advanced Micro Devices AM8530 Datasheet HTML 134Page - Advanced Micro Devices AM8530 Datasheet HTML 135Page - Advanced Micro Devices AM8530 Datasheet HTML 136Page - Advanced Micro Devices AM8530 Datasheet HTML 137Page - Advanced Micro Devices AM8530 Datasheet HTML 138Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 194 page
background image
Register Description
AMD
6–24
D7 D6 D5 D4 D3 D2 D1 D0
00
01
10
11
Receive Clock = RTxC Pin
Receive Clock = TRxC Pin
Receive Clock = BR Generator Output
Receive Clock = DPLL Output
TRxC Out = XTAL Output
TRxC Out = Transmit Clock
TRxC Out = BR Generator Output
TRxC Out = DPLL Output
00
01
10
11
00
01
10
11
Transmit Clock = RTxC Pin
Transmit Clock = TRxC Pin
Transmit Clock = BR Generator Output
Transmit Clock = DPLL Output
TRxC O/I
RTxC XTAL/NO XTAL
Figure 6–13. Write Register 11
Bit 7: RTxC—XTAL/NO XTAL
This bit controls the type of input signal the SCC expects to see on the
RTxC pin. If this
bit is set to ‘0’, the SCC expects a TTL-compatible signal as an input to this pin. If this bit
is set to ‘1’, the SCC connects a high-gain amplifier between the
RTxC and SYNC pins in
expectation of a quartz crystal being placed across the pins.
The output of this oscillator is available for use as a clocking source. In this mode of op-
eration, the Sync pin is unavailable for other use. The Sync signal is forced to ‘0’ inter-
nally. A hardware reset forces No XTAL. (At least 20 ms should be allowed after this bit is
set to allow the oscillator to stabilize.)
Bits 6 and 5: Receiver Clock 1 And 0
These bits determine the source of the receive clock as shown in Table 6–6. They do not
interfere with any of the modes of operation in the SCC but simply control a multiplexer
just before the internal receive clock input. A hardware reset forces the receive clock to
come from the
TRxC pin.
Table 6–6. Receive Clock Source
D6
D5
0
0
Receive Clock = RTxC pin
0
1
Receive Clock =
TRxC pin
1
0
Receive Clock = BRG output
1
1
Receive Clock = DPLL output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com