Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530 Datasheet(PDF) 131 Page - Advanced Micro Devices

Part # AM8530
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530 Datasheet(HTML) 131 Page - Advanced Micro Devices

Back Button AM8530 Datasheet HTML 127Page - Advanced Micro Devices AM8530 Datasheet HTML 128Page - Advanced Micro Devices AM8530 Datasheet HTML 129Page - Advanced Micro Devices AM8530 Datasheet HTML 130Page - Advanced Micro Devices AM8530 Datasheet HTML 131Page - Advanced Micro Devices AM8530 Datasheet HTML 132Page - Advanced Micro Devices AM8530 Datasheet HTML 133Page - Advanced Micro Devices AM8530 Datasheet HTML 134Page - Advanced Micro Devices AM8530 Datasheet HTML 135Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 194 page
background image
Register Description
AMD
6–21
1
1
001
0
1
Transmit Clock
Data
NRZ
NRZI
FM1
FM0
Receive Clock
NRZ
1
1
001
0
1
Data
NRZI
FM1
FM0
Bit Cell
Bit Cell
Figure 6–12. NRZ (NRZI) FM1 (FM0) Timing
Bit 7: CRC Presets ‘1’ or ‘0’
This bit specifies the initialized condition of the receive CRC checker and the transmit
CRC generator. If this bit is set to ‘1’, the CRC generator and checker are preset to ‘1’. If
this bit is set to ‘0’, the CRC generator and checker are preset to ‘0’. Either option can be
selected with either CRC polynomial. In SDLC mode, the transmitted CRC is inverted be-
fore transmission and the received CRC is checked against the bit pattern
“0001110100001111.” This bit is reset by a channel or hardware reset. This bit is ignored
in Asynchronous mode.
Bits 6 and 5: Data Encoding 1 and 2
These bits control the coding method used for both the transmitter and the receiver, as
illustrated in Table 6–5. All of the clocking options are available for all coding methods.
The DPLL in the SCC is useful for recovering clocking information in NRZI and FM
modes. Any coding method can be used in the X1 mode. A hardware reset forces NRZ
mode. Timing for the various modes is shown in Figure 6–12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com