Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530 Datasheet(PDF) 130 Page - Advanced Micro Devices

Part # AM8530
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530 Datasheet(HTML) 130 Page - Advanced Micro Devices

Back Button AM8530 Datasheet HTML 126Page - Advanced Micro Devices AM8530 Datasheet HTML 127Page - Advanced Micro Devices AM8530 Datasheet HTML 128Page - Advanced Micro Devices AM8530 Datasheet HTML 129Page - Advanced Micro Devices AM8530 Datasheet HTML 130Page - Advanced Micro Devices AM8530 Datasheet HTML 131Page - Advanced Micro Devices AM8530 Datasheet HTML 132Page - Advanced Micro Devices AM8530 Datasheet HTML 133Page - Advanced Micro Devices AM8530 Datasheet HTML 134Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 194 page
background image
Register Description
AMD
6–20
Bit 2: Disable Lower Chain
The Disable Lower Chain can be used by the CPU to control the interrupt daisy chain.
Setting this bit to ‘1’ forces the IEO pin Low, preventing lower-priority devices on the daisy
chain from requesting interrupts. This bit is reset by a hardware reset.
Bit 1: No Vector
The No Vector bit controls whether or not the SCC will respond to an interrupt acknowl-
edge cycle by placing a vector on the data bus if the SCC is the highest-priority device
requesting an interrupt. If this bit is set, no vector is returned; i.e., D0–D7 remain three-
stated during an interrupt acknowledge cycle, even if the SCC is the highest-priority de-
vice requesting an interrupt.
Bit 0: Vector Includes Status
The Vector Includes Status bit controls whether or not the Z-SCC will include status infor-
mation in the vector it places on the bus in response to an interrupt acknowledge cycle. If
this bit is set, the vector returned is variable, with the variable field depending on the high-
est-priority IP that is set. Table 6–4 shows the encoding of the status information. This bit
is ignored if the No Vector (NV) bit is set and does not apply if RR2 is read from Chan-
nel B.
6.2.11
Write Register 10 (Miscellaneous Transmitter/
Receiver Control Bits)
WR10 contains miscellaneous control bits for both the receiver and the transmitter. Bit
positions for WR10 are shown in Figure 6–11. This register is readable by executing a
read to RR11 when D0 of WR15 and D6 of WR7’ are set to ‘1’.
D7 D6 D5 D4 D3 D2 D1 D0
6 Bit/8Bit SYNC
Loop Mode
Abort/Flag on Underrun
Go Active on Poll
00
01
10
11
NRZ
NRZI
FM1 (Transition = 1)
FM0 (Transition = 0)
Mark/Flag Idle
CRC Preset ‘1’ or ‘0”
Figure 6–11. Write Register 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com