Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530 Datasheet(PDF) 152 Page - Advanced Micro Devices

Part # AM8530
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530 Datasheet(HTML) 152 Page - Advanced Micro Devices

Back Button AM8530 Datasheet HTML 148Page - Advanced Micro Devices AM8530 Datasheet HTML 149Page - Advanced Micro Devices AM8530 Datasheet HTML 150Page - Advanced Micro Devices AM8530 Datasheet HTML 151Page - Advanced Micro Devices AM8530 Datasheet HTML 152Page - Advanced Micro Devices AM8530 Datasheet HTML 153Page - Advanced Micro Devices AM8530 Datasheet HTML 154Page - Advanced Micro Devices AM8530 Datasheet HTML 155Page - Advanced Micro Devices AM8530 Datasheet HTML 156Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 194 page
background image
7–3
SCC Application Notes
CHAPTER 7
7.1
Am8530H INITIALIZATION
7.1.1
Introduction
This application note describes the software initialization procedure for the Am8530 Serial
Communications Controller (SCC).
Table 7–1 provides a worksheet that can be used as an aid when initializing the SCC.
Since all SCC operation modes are initialized in a similar manner, the worksheet can be
used to tailor the SCC device to the user’s individual need. Specific examples are given in
the following chapters.
7.1.1.1
Register Overview
Each of the SCC’s two channels has its own separate Write registers that are pro-
grammed to initialize different operating modes. There are two types of bits in the Write
registers: Command bits and Mode bits. An example of a register that contains both
types of bits is Write Register 9 (WR9), and is shown in Figure 7–1.
WR9 is the Master Interrupt Control register and contains the Reset command bits. Com-
mand bits are denoted by having boxes drawn around them in register diagrams. Bit D5
in this register is not used in this register and must be 0 at all times.
D7 D6 D5 D4 D3 D2 D1 D0
00
01
10
11
No Reset
Channel Reset B
Channel Reset A
Force Hardware Reset
VIS
NV
DLC
0
MIE
STATUS HIGH/
STATUS LOW
Figure 7–1. Write Register 9
The Command bits, D7 and D6, select one of the reset commands for the SCC. Setting
either of these bits to 1 disables both the receiver and the transmitter in the correspond-
ing channel, forces TxD for the channel marking, forces the modem control signals High
in that channel, resets all IPs and IUSs, and disables all interrupts in that channel. Func-
tions controlled by the Command bits can be enabled or disabled only; they cannot be
toggled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com