Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530 Datasheet(PDF) 155 Page - Advanced Micro Devices

Part # AM8530
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530 Datasheet(HTML) 155 Page - Advanced Micro Devices

Back Button AM8530 Datasheet HTML 151Page - Advanced Micro Devices AM8530 Datasheet HTML 152Page - Advanced Micro Devices AM8530 Datasheet HTML 153Page - Advanced Micro Devices AM8530 Datasheet HTML 154Page - Advanced Micro Devices AM8530 Datasheet HTML 155Page - Advanced Micro Devices AM8530 Datasheet HTML 156Page - Advanced Micro Devices AM8530 Datasheet HTML 157Page - Advanced Micro Devices AM8530 Datasheet HTML 158Page - Advanced Micro Devices AM8530 Datasheet HTML 159Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 194 page
background image
SCC Application Notes
AMD
7–6
Table 7–2. SCC Initialization Order
Part 1. Modes and Constants
WR9
1100000
Hardware Reset
WR4
XXXXXXXX Tx/Rx con, Aysnc or Sync Mode
WR1
0XX00X00 Select W/REQ (opt)
WR2
XXXXXXXX Program Interrupt Vector (opt)
WR3
XXXXXXX0 Select Rx Control
WR5
XXXX0XXX Select Tx Control
WR6
XXXXXXXX Program sync character (opt)
WR7
XXXXXXXX Program sync character (opt)
WR9
000X0XXX Select Interrupt Control
WR10
XXXXXXXX Miscellaneous Control (opt)
WR11
XXXXXXXX Clock Control
WR12
XXXXXXXX Time constant lower byte (opt)
WR13
XXXXXXXX Time constant upper byte (opt)
WR14
XXXXXXX0 Miscellaneous Control
WR14
XXXSSSSSCommands (opt)
Part 2. Enables
WR14
000SSSS1 Baud Rate Enable
WR3
SSSSSSS1 Rx Enable
WR5
SSSS1SSS Tx Enable
WR0
10000000
Reset Tx CRG (opt)
WR1
XSS00S00 DMA Enable (opt)
Part 3. Interrupt Status
WR15
XXXXXXXX Enable External/Status
WR0
00010000
Reset External Status
WR0
00010000
Reset External Status twice
WR1
SSSXXSXX Enable Rx, Tx and Ext/Status
WR9
000SXSSS Enable Master Interrupt Enable
1 = Set to one
X = User defined
0 = Reset to zero
S = Same as previously
prog.
7.1.1.3
Initialization Table Generation
Table 7–1 as shown previously, is a worksheet for the initialization of the SCC. All the bits
that must be programmed as either a ‘0’ or a ‘1’ are already filled in; the remaining bits
are left blank and are to be programmed by the user according to the desired mode of
operation. The binary value can then be converted to a hexadecimal number and placed
in the table, following the Write register notation in the column labeled “HEX.” A Program
Initialization Table is produced when this worksheet is completed.
7.1.1.4
Reset Conditions
Prior to initialization, the SCC should be reset by either hardware or software. A hardware
reset can be accomplished by simultaneously grounding RD and WR. A software reset
can be executed by writing a C0H to Write Register 9. After one channel has been initial-
ized, a channel reset should be used in place of the hardware reset in the initialization.
The state of the SCC registers, after reset, is shown in Table 7–3. Before writing to the
SCC, a read should be performed to guarantee the internal logic is pointing to Register 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com