Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530 Datasheet(PDF) 158 Page - Advanced Micro Devices

Part # AM8530
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530 Datasheet(HTML) 158 Page - Advanced Micro Devices

Back Button AM8530 Datasheet HTML 154Page - Advanced Micro Devices AM8530 Datasheet HTML 155Page - Advanced Micro Devices AM8530 Datasheet HTML 156Page - Advanced Micro Devices AM8530 Datasheet HTML 157Page - Advanced Micro Devices AM8530 Datasheet HTML 158Page - Advanced Micro Devices AM8530 Datasheet HTML 159Page - Advanced Micro Devices AM8530 Datasheet HTML 160Page - Advanced Micro Devices AM8530 Datasheet HTML 161Page - Advanced Micro Devices AM8530 Datasheet HTML 162Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 194 page
background image
SCC Application Notes
AMD
7–9
Table 7–4. Polled Asynchronous Initialization Procedure
Register
Value
Comments
WR9
C0H
Force Hardware Reset
WR4
4CH
x16 clock, 2 stop bits, no parity
WR3
C0H
Rx 8 bits, Rx disabled
WR5
60H
Tx 8 bits, DTR, RTS, Tx off
WR9
00H
Int. Disabled
WR10
00H
NRZ
WR11
56H
Tx & Rx = BRG out, TRxC = BRG out
WR12
06H
Time constant = 6
WR13
00H
Time constant high = 0
WR14
10H
BRG in =
RTxC, BRG off, loopback
Enables
WR14
11H
BRG enable
WR3
C1H
Rx enable
WR5
68H
Tx enable
7.2.3.1
SCC Operating Mode Programming
WR9 resets the SCC to a known state by writing a C0 hex. The Force Hardware Reset
command is identical to a hardware reset. It will reset both channels.
WR4 selects the Asynchronous, x 16 mode, with 2 stop bits and no parity. The x 16 mode
means that clock rate is 16 times the data rate.
WR3 selects 8 bits per character and does not enable the receive. The 8 bits per charac-
ter allows 8 bits to be assembled from the data stream. The receiver is not enabled at this
time because the SCC has not been initialized.
WR5 selects 8 bits per character and does not enable the transmitter. The 8 bits per char-
acter allows 8 bits to be sent, as data, with the least significant bit first. The transmitter is
not enabled at this time because the SCC has not been initialized.
WR9 selects that there are no interrupts enabled. This inhibits the SCC from requesting
an interrupt from the CPU.
WR10 selects NRZ encoding. This NRZ coding is used on the transmitter as well as the
receiver.
WR11 selects the
RTxC pin to TTL clock; the baud-rate generator is the transmit and re-
ceive clocks source, and the
TRxC pin is used as a baud-rate generator output.
WR12 & WR13 select the baud-rate generator’s time constant. The WR13 time constant
is determined by the equation:
Time Constant =
Clock Frequency
2 x Baud Rate x clock mode
–2
In this example, the clock frequency is 2.4576 MHz, the baud rate is 9600, the clock
mode is 16. The time constant is, therefore, 6; expressed as a 16-bit, hexadecimal num-
ber, it is 0006H. The time constant Low (WR12) is, therefore 06H and the time constant
High (WR13) is 00H. The baud rate for this example can be varied, as long as the data
rate is less than 1/4 of the PCLK rate. Table 7–5 shows the time constants for other com-
mon baud rates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com