Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530 Datasheet(PDF) 160 Page - Advanced Micro Devices

Part # AM8530
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530 Datasheet(HTML) 160 Page - Advanced Micro Devices

Back Button AM8530 Datasheet HTML 156Page - Advanced Micro Devices AM8530 Datasheet HTML 157Page - Advanced Micro Devices AM8530 Datasheet HTML 158Page - Advanced Micro Devices AM8530 Datasheet HTML 159Page - Advanced Micro Devices AM8530 Datasheet HTML 160Page - Advanced Micro Devices AM8530 Datasheet HTML 161Page - Advanced Micro Devices AM8530 Datasheet HTML 162Page - Advanced Micro Devices AM8530 Datasheet HTML 163Page - Advanced Micro Devices AM8530 Datasheet HTML 164Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 194 page
background image
SCC Application Notes
AMD
7–11
7.3
INTERRUPT WITHOUT INTACK ASYNCHRONOUS
MODE
7.3.1
Introduction
This section describes the use of the SCC for interrupt-driven Asynchronous mode. As
with the example in the previous chapter, the SCC is set with 8 bits per character, 2 stop
bits, at 9600 baud rate. An external 2.4576 MHz, crystal oscillator is used for baud-rate
generation. Interrupt acknowledge is not generated because of the extra hardware re-
quired to produce this signal. In this chapter, the SCC is also programmed for local loop-
back so that no external loop between the transmit and the receive data lines is needed
for on-board diagnostics. This feature allows the user to test-program the part without
additional hardware to simulate an actual transmit and receive environment.
7.3.2
SCC Interface
Figure 7–4 shows the SCC to CPU interface required for this application. The 8-bit data
bus and control lines all come from the user’s CPU. The control lines are
RD, WR, A/B,
D/
C and CE. The INT signal goes to an interrupt controller which must produce the inter-
rupt vector to the CPU. The PCLK comes from the system clock, or an external crystal
oscillator, up to the maximum rate of the SCC (e.g., 6 MHz for the Am8530A). The IEI
and the
INTACK pins should be pulled up. The baud-rate generator clock is connected to
the
RTxC pin.
7.3.3
SCC Initialization
The initialization of the SCC for interrupt-driven asynchronous communication is divided
into three parts as shown in Table 7–6. Part one programs the operating modes of the
SCC, part two and three enable them. Care must be taken when writing the code to meet
the SCC’s Cycle and Reset Recovery times. The Cycle Recovery time applies to the pe-
riod between any Read or Write cycles to the SCC, and is 6 PCLK cycles. The Reset Re-
covery time applies to a hardware reset caused either by hardware or software; this
recovery time extends the Cycle Recovery time to 11 PCLK cycles.
Data
8
Control
5
System
VCC VCC
XTAL
OSC
2.4576 MHz
OSC
PCLK
RTxC
INTACK
IEI
D0 – D7
SCC
Pin 12 For Channel A
Pin 28 For Channel B
Interrupt
Controller
INT
Figure 7–4. SCC Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com