Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530 Datasheet(PDF) 165 Page - Advanced Micro Devices

Part # AM8530
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530 Datasheet(HTML) 165 Page - Advanced Micro Devices

Back Button AM8530 Datasheet HTML 161Page - Advanced Micro Devices AM8530 Datasheet HTML 162Page - Advanced Micro Devices AM8530 Datasheet HTML 163Page - Advanced Micro Devices AM8530 Datasheet HTML 164Page - Advanced Micro Devices AM8530 Datasheet HTML 165Page - Advanced Micro Devices AM8530 Datasheet HTML 166Page - Advanced Micro Devices AM8530 Datasheet HTML 167Page - Advanced Micro Devices AM8530 Datasheet HTML 168Page - Advanced Micro Devices AM8530 Datasheet HTML 169Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 194 page
background image
SCC Application Notes
AMD
7–16
The Am29841 is a high speed 10-bit latch with high drive capability. Other latches may be
used instead. Most designers latch
BHE even though S7 is the same, the few extra bits
become quite useful when trying to keep parts count down.
A0 – A9
A8 – A15
A16 – A19
M/
IO
AD19
AD10
ALE
AD9
AD0
INTR
RESET
INTA
RD
WR
CLK
CS
D/
C
D7
D0
INT
INTACK
RD
WR
Am8530H
8086
5 MHz
Am29841
LE
OE
OE
LE
Am29806
74LS04
74LS04
Reset
From 8284A
74LS04
74LS02
74LS02
PRE
D
CP
Q
Q
74LS74
D
CP
Q
Q
CLR
74LS74
Figure 7–6. 8086—SCC Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com