Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530 Datasheet(PDF) 166 Page - Advanced Micro Devices

Part # AM8530
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530 Datasheet(HTML) 166 Page - Advanced Micro Devices

Back Button AM8530 Datasheet HTML 162Page - Advanced Micro Devices AM8530 Datasheet HTML 163Page - Advanced Micro Devices AM8530 Datasheet HTML 164Page - Advanced Micro Devices AM8530 Datasheet HTML 165Page - Advanced Micro Devices AM8530 Datasheet HTML 166Page - Advanced Micro Devices AM8530 Datasheet HTML 167Page - Advanced Micro Devices AM8530 Datasheet HTML 168Page - Advanced Micro Devices AM8530 Datasheet HTML 169Page - Advanced Micro Devices AM8530 Datasheet HTML 170Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 194 page
background image
SCC Application Notes
AMD
7–17
T1
T2
T3
T4
T1
T1
T1
T2
T3
T4
125 ns
186
186
8 x 125 = 1000 ns
8 MHz 8086
6 x 200 = 1200 ns
5 MHz 8086
8 MHz = 325
INTA
INTA1
INTA2
PRE
D
CP
Q
Q
74LS74
INTA1
INTA
RESET
PRE
D
CP
Q
Q
74LS74
INTA2
INTA
RESET
8 MHz 8086
Figure A
5 MHz 8086
Figure B
Figure 7–7. Interrupt Acknowledge Timing
INTA
RESET
INTACK
RD
D
CP
Q1
Q1
CLR
CLR
D
CP
Q2
PR
INTA
Q1
Q2 =
INTACK
RD
Figure 7–8. Interrupt Acknowledge Timing Implementation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com