Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530 Datasheet(PDF) 172 Page - Advanced Micro Devices

Part # AM8530
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530 Datasheet(HTML) 172 Page - Advanced Micro Devices

Back Button AM8530 Datasheet HTML 168Page - Advanced Micro Devices AM8530 Datasheet HTML 169Page - Advanced Micro Devices AM8530 Datasheet HTML 170Page - Advanced Micro Devices AM8530 Datasheet HTML 171Page - Advanced Micro Devices AM8530 Datasheet HTML 172Page - Advanced Micro Devices AM8530 Datasheet HTML 173Page - Advanced Micro Devices AM8530 Datasheet HTML 174Page - Advanced Micro Devices AM8530 Datasheet HTML 175Page - Advanced Micro Devices AM8530 Datasheet HTML 176Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 194 page
background image
SCC Application Notes
AMD
7–23
7.5.3
The 68000 and Am8530H with Interrupts
The following description addresses the problems of interfacing the 68000 and Am8530H
with interrupts. The circuit configuration is basically the same as the design without inter-
rupts.
The 74LS148 and the two 74LS138s assume there are other interrupting devices which
are not compatible with the interrupt daisy chain of the Am8530H. The 74LS148 and one
of the 74LS138 can be eliminated if this is not the case.
The first 74LS138 acts as a status decoder; it is gated with AS to de-glitch the outputs.
The second 74LS138 decodes the Interrupt Acknowledge priority level, allowing a two-
dimensional priority scheme. Daisy chain can be used to resolve priority at any given pri-
ority level while the CPU resolves priority between levels.
The 74LS164 is added to generate the correct timing during an Interrupt Acknowledge
cycle. It allows 5 CPU clocks for the daisy chain to settle before it generates
RD to put the
vector onto the bus. The daisy chain is implemented by using the IEI, IEO pins (not
shown in Figure 7–12) on the 8500 peripherals. The time allowed for the daisy chain to
settle is a function of the number of devices in the chain; thus the allowance of 5 clocks
used here is arbitrary. The 74LS164 also generates
DTACK. A block diagram of this inter-
face is shown in Figure 7–15. Timing diagram is followed in Figure 7–13. It is more
straightforward to use the Am9519A Interrupt Controller instead of the on-chip interrupt
features. However, this approach does not allow the programmer to take advantage of
some of the Am8530H time-saving features.
S 0 S 1 S2 S 3 S4
S W S W SW S W SW SW SW SW SW S W S6 S 7 S 0
S W
T1
T2
TW
TW
TW
TW
TW
T3
T4
AS
FC0–FC02
IACK
DTACK
RD
DATA IN
A1 - A3
READ
DATA
Figure 7–13. Am8530H to 68000 Interrupt Acknowledge Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com