Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530 Datasheet(PDF) 176 Page - Advanced Micro Devices

Part # AM8530
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530 Datasheet(HTML) 176 Page - Advanced Micro Devices

Back Button AM8530 Datasheet HTML 172Page - Advanced Micro Devices AM8530 Datasheet HTML 173Page - Advanced Micro Devices AM8530 Datasheet HTML 174Page - Advanced Micro Devices AM8530 Datasheet HTML 175Page - Advanced Micro Devices AM8530 Datasheet HTML 176Page - Advanced Micro Devices AM8530 Datasheet HTML 177Page - Advanced Micro Devices AM8530 Datasheet HTML 178Page - Advanced Micro Devices AM8530 Datasheet HTML 179Page - Advanced Micro Devices AM8530 Datasheet HTML 180Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 194 page
background image
SCC Application Notes
AMD
7–27
functionally distributed computers. Lengthy delays are often encountered in a centralized
system due to overloaded CPUs and slow communication lines.
f. Resource Sharing—
Remote sites in a distributed system can use each other’s facilities such as sharing
expensive peripheral devices in the system.
The advantages of distributed processing, therefore, point mainly to two important facts:
1. LANs make distributed intelligence practical.
2. Methods must be devised in order to allow large amount of data to be transported, at
high speeds, between centers of intelligence.
This discussion addresses the second factor.
7.6.2
Data Communications at the Physical Layer
Today’s data communications market can be segmented in terms of speed.
i.
Low speed (300 baud–56 kbaud)
ii. Medium speed (0.5 Mb/s–3 Mb/s)
iii. High speed (10 Mb/s–60 Mb/s)
iv. Very high speed (100 Mb/s and up)
On medium speed applications data rate is assumed at 1 Mb/s. At this rate, the physical
interface requires a highly sophisticated transceiver. The following is a list of the require-
ments:
a. The transceivers must have good but inexpensive isolation from the cabling system
(large common-mode voltages and surge voltages are common phenomenons in any
network). Pulse transformers can provide the required isolation.
b. The transceiver must be able to support a good collision avoidance scheme, since all
devices have equal access to the network (in a CSMA type architecture). If a collision
does occur, the transceiver must detect the collision and flag the communications
controller.
c. The receiver must be able to inhibit false starts due to noise in the surrounding
environment.
d. The transmitter must control the slew rate of the output signal to reduce EMI/RFI to
surrounding electronic equipment. This is a very important criterion if the network is to
meet FCC/VDE regulations on radiation.
e. If an isolation transformer is used, some form of data encoding must also be
implemented so that a series of ‘1’s or ‘0’s do not saturate the transformer by
charging it to either voltage level.
Why the Am7960
The Am7960 Coded Data Transceiver is designated to meet all the requirements of the
medium-speed network. It is frequency agile for data rates between 0.5 Mb/s to 3 Mb/s.
Electro–Magnetic Interference
The Am7960 has an external resistor connected from the slew rate control pin (TSRC) to
ground to control the transmit slew rate. If the rise and fall times of the output signal are
each 30% of the transmit clock period, the output waveform looks approximately like a
sine wave (Figure 7–17). This has a smoothing effect on the transmitted signal, reducing
3rd, 5th and higher order harmonics. This in turn reduces energy radiating from the cable
and
minimizes the effects of electro-magnetic interference and radio frequency inter-
ference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com