Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8222 Datasheet(PDF) 11 Page - ams AG

Part # AS8222
Description  Enhanced FlexRay Standard Transceiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8222 Datasheet(HTML) 11 Page - ams AG

Back Button AS8222 Datasheet HTML 7Page - ams AG AS8222 Datasheet HTML 8Page - ams AG AS8222 Datasheet HTML 9Page - ams AG AS8222 Datasheet HTML 10Page - ams AG AS8222 Datasheet HTML 11Page - ams AG AS8222 Datasheet HTML 12Page - ams AG AS8222 Datasheet HTML 13Page - ams AG AS8222 Datasheet HTML 14Page - ams AG AS8222 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
AS8222
Datasheet - Electrical Character i s t ics
www.ams.com/eng/FlexRay/AS8222
Revision 1.0
10 - 42
IBMGNDShortMax
IBMGNDShortMax
Absolute max current when BM is
shorted to GND
Absolute maximum output current when
shorted to GND
VBM=0 V
50
+100
100
mA
mA
IBP-5VShortMax
IBP-5VShortMax
Absolute max current when BP is
shorted to -5 V
Absolute maximum output current when
shorted to –5V
VBP=-5 V
50
+100
100
mA
mA
IBM-5VShortMax
IBM-5VShortMax
Absolute max current when BM is
shorted to -5 V
Absolute maximum output current when
shorted to –5V
VBM=-5 V
50
+100
100
mA
mA
IBP27VShortMax
IBPBAT27ShortMax
Absolute max current when BP is
shorted to 27 V
Absolute maximum output current when
shorted to 27V
VBP=27 V
60
+100
100
mA
mA
IBM27VShortMax
IBMBAT27ShortMax
Absolute max current when BM is
shorted to 27 V
Absolute maximum output current when
shorted to 27V
VBM=27 V
60
+100
100
mA
mA
IBP40VShortMax
Absolute max current when BP is
shorted to 40 V
VBP=40 V
75
+100
mA
IBM40VShortMax
Absolute max current when BM is
shorted to 40 V
VBM=40 V
75
+100
mA
tTXD_BUS01
dBDTx01
Delay time from TxD to BUS positive
edge
Transmitter delay, positive edge
triseTxD = 5 ns
25
50
100
ns
ns
tTXD_BUS10
dBDTx10
Delay time from TxD to BUS negative
edge
Transmitter delay, negative edge
tfall TxD = 5 ns
25
50
100
ns
ns
tTXD_MISMATCH
dTxAsym
Delay time from TxD to BUS mismatch
Transmitter delay mismatch
| dBDTx10 - dBDTx01 |
tTxD_BUS10 – tTxD_BUS01
-4
0
4
4
ns
ns
tBUS_TX10
dBusTx10
Fall time differential bus voltage
Fall time differential bus voltage
(80%
→ 20%)
80 % - 20 % of VBUS;
RL=45
Ω; CL= 100 pF
3.75
3.75
13
18.75
18.75
ns
ns
tBUS_TX01
dBusTx01
Rise time differential bus voltage
Rise time differential bus voltage
(20%
→ 80%)
20 % - 80 % of VBUS;
RL=45
Ω; CL= 100 pF
3.75
3.75
13
18.75
18.75
ns
ns
tTXEN_BUS_Idle_Active
dBDTxia
Delay time from TxEN to bus active
Propagation delay idle
→ active
RL=45
Ω; CL= 100 pF
18
50
100
ns
ns
Table 5. Transmitter
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com