Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8222 Datasheet(PDF) 28 Page - ams AG

Part # AS8222
Description  Enhanced FlexRay Standard Transceiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8222 Datasheet(HTML) 28 Page - ams AG

Back Button AS8222 Datasheet HTML 24Page - ams AG AS8222 Datasheet HTML 25Page - ams AG AS8222 Datasheet HTML 26Page - ams AG AS8222 Datasheet HTML 27Page - ams AG AS8222 Datasheet HTML 28Page - ams AG AS8222 Datasheet HTML 29Page - ams AG AS8222 Datasheet HTML 30Page - ams AG AS8222 Datasheet HTML 31Page - ams AG AS8222 Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
AS8222
Datasheet - Detailed Descr i p ti on
www.ams.com/eng/FlexRay/AS8222
Revision 1.0
27 - 42
7.11.1 Error Pin Signalling
In Table 20 the signaling at the Error Not (ERRN) pin is shown.
7.12 Loss of Ground
In case the ground of the device is disconnected and the host pins are open the bus lines are switched to Idle_HZ.
7.13 ERROR Flags Description
All error flags are reset after error readout is completed (see Section 7.15) or in POWER-OFF mode.
7.13.1 Undervoltage Detected VBAT Flag
This flag is set if an undervoltage event at VBAT is detected. This flag signals if undervoltage was detected but will not initiate a mode change.
7.13.2 Undervoltage Detected VIO Flag
This flag is set if an undervoltage event at VIO is detected. This flag signals if undervoltage was detected but will not initiate a mode change.
7.13.3 Undervoltage Detected VCC Flag
This flag is set if an undervoltage event at VCC is detected. This flag signals if undervoltage was detected but will not initiate a mode change.
7.13.4 Bus Error
The bus error flag is set, after a time tBUS_INHIB while the driver is enabled and activated until the end of the frame if

2 consecutive rising edges at the TxD pin without any rising edge at the RxD pin are detected, or

2 consecutive falling edges at the TxD pin without any falling edge at the RxD pin are detected.
The flag is only set in NORMAL mode.
7.13.5 Bus Open Line
BP open line can only be set in NORMAL mode if the driver is enabled. The flag is set if the absolute current through BP or BM is lower than ITHL
for a time longer than tBUS_ERROR. The flag is meaningful only if no short circuit flag is set.
7.13.6 BP Short Circuit to VCC
BP short circuit to VCC can only be set in NORMAL mode if the driver is enabled. The flag is set if the absolute current flowing through BP is
higher than ITHH during transmission of Data0 for a time longer than tBUS_ERROR.
Table 20. Error Not (ERRN) Signalling
Supply undervoltage Flag at
VBAT, VIO, VCC
Remote Wake
Flag
Local Wake
Flag
Host Command
ERRN
STBN
EN
LX
X
H
H
NOT [Error flag]
LH
X
H
L
L
LH
X
H
↑
(positive edge)
L
→ NOT [Error flag]
LL
X
H
L
H
LL
X
H
↑
(positive edge)
H
→ NOT [Error flag]
LL
L
L
X
H
LL
↑
(positive edge)
LX
H
→ L
L
↑
(positive edge)
LL
X
H
→ L
LH
↑
(positive edge)
LX
L
L
↑
(positive edge)
HL
X
L
HX
X
X
X
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com