Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8222 Datasheet(PDF) 33 Page - ams AG

Part # AS8222
Description  Enhanced FlexRay Standard Transceiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8222 Datasheet(HTML) 33 Page - ams AG

Back Button AS8222 Datasheet HTML 29Page - ams AG AS8222 Datasheet HTML 30Page - ams AG AS8222 Datasheet HTML 31Page - ams AG AS8222 Datasheet HTML 32Page - ams AG AS8222 Datasheet HTML 33Page - ams AG AS8222 Datasheet HTML 34Page - ams AG AS8222 Datasheet HTML 35Page - ams AG AS8222 Datasheet HTML 36Page - ams AG AS8222 Datasheet HTML 37Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
AS8222
Datasheet - B u s D r i v e r
www.ams.com/eng/FlexRay/AS8222
Revision 1.0
32 - 42
Figure 9. Transmitter Characteristics (BGE
→ BUS, while TxEN is low)
The transmitter generates the FlexRay differential bus voltage according to input signal on TxD as shown in Figure 10.
Figure 10. Transmitter Characteristics TxD
→ BUS
In NORMAL and RECEIVE-ONLY mode the transmitter drives Idle on the bus in case no data are transmitted. In STANDBY, GO-TO-SLEEP and
SLEEP mode the transmitter drives Idle_LP (idle low-power) on the bus pins. In POWER_OFF mode the bus pins shows Idle_HZ (idle high
impedance).
VBGE
VBUS
-VBUS_DIFF_Idle
+ VBUS_DIFF_Idle
VBUS_DIFF_D1
VBUS_DIFF_D0
tBGE_BUS_Active_Idle
tBUS_Idle_Active
tBUS_Active_Idle
300 mV
- 300 mV
50% * VIO
tBGE_BUS_Idle_Active
VTxD
VBUS
-VBUS_DIFF_Idle
+ VBUS_DIFF_Idle
VBUS_DIFF_D1
VBUS_DIFF_D0
tTxD_BUS01
tTxD_BUS10
tBUS01
tBUS01
Data1: x * tBIT
Data0: x * tBIT
Data1: x * tBIT
Data0: x * tBIT
80% * VBUS_DIFF
20% * VBUS_DIFF
30% * VIO
70% * VIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com