Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8222 Datasheet(PDF) 22 Page - ams AG

Part # AS8222
Description  Enhanced FlexRay Standard Transceiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8222 Datasheet(HTML) 22 Page - ams AG

Back Button AS8222 Datasheet HTML 18Page - ams AG AS8222 Datasheet HTML 19Page - ams AG AS8222 Datasheet HTML 20Page - ams AG AS8222 Datasheet HTML 21Page - ams AG AS8222 Datasheet HTML 22Page - ams AG AS8222 Datasheet HTML 23Page - ams AG AS8222 Datasheet HTML 24Page - ams AG AS8222 Datasheet HTML 25Page - ams AG AS8222 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
AS8222
Datasheet - Detailed Descr i p ti on
www.ams.com/eng/FlexRay/AS8222
Revision 1.0
21 - 42
7.5.1 Undervoltage / Voltage Recovery VBAT
If VBAT voltage falls below VCCTHL for a time longer than tUV_DETECT then an undervoltage VBAT event is detected. Undervoltage recovery is
detected if VBAT exceeds the voltage threshold VBATTHH for a time longer than tUV_REC.
7.5.2 Undervoltage / Voltage Recovery VIO
If VIO voltage falls below VIOTHL for a time longer than tUV_DETECT then an undervoltage VIO event is detected. Undervoltage recovery is
detected if VIO exceeds the voltage threshold VIOTHH for a time longer than tUV_REC.
7.5.3 Undervoltage / Voltage Recovery VCC
If VCC voltage falls below VCCTHL for a time longer than tUV_DETECT then an undervoltage VCC event is detected. Undervoltage recovery is
detected if VCC exceeds the voltage threshold VCCTHH for a time longer than tUV_REC.
7.6 Power On/Off Events

Starting from POWER-OFF mode a power-on event occurs in case VBAT undervoltage recovery is detected.

Starting from every operation mode a POWER-OFF event occurs in case VBAT and VCC undervoltage flags are set.
7.7 Wake-Up Events
A wake-up event is only detected in low-power modes.
7.7.1 Remote Wake-Up Event
A remote wake-up event, only possible in low-power modes, is detected if at least two consecutive wake-up symbols via the FlexRay bus within
tBWUDetect are received. The wake-up symbol is defined as Data0 longer than tBWU0 followed by idle or Data1 longer than tBWUIdle shown in
Figure 3.
Figure 3. Signal for Wake-up Pattern Recognition
7.7.2 Remote Wake-up with Frames
A valid wake-up event can be generated out of the standard FlexRay communication in 5 Mbps and 10 Mbps network configurations, while the
data bits of the FlexRay Frame are set to “low” for a time longer than tBWU0 and set to “high” for time longer than tBWUIdle represent one wake
symbol. A valid wake-up pattern consists of two wake symbols as shown in Figure 3.
In a 10Mbps speed configuration of the network, the payload of the frame is configured as follows:

1
st wake symbol :
0x00 0x00 0x00 0x00 0x00 0xFF 0xFF 0xFF 0xFF 0xFF

2
nd wake symbol :
0x00 0x00 0x00 0x00 0x00 0xFF 0xFF 0xFF 0xFF 0xFF
Repetitions of wake symbols might be required if network components are shortening valid Wake symbols (e.g. the time until the device is able
to re-send wake symbols after wake-up).
tBWU0
tBWUidle
tBWU0
tBWUidle
tBWUDetect
Vdiff
Wake symbol
Wake symbol
VBWU0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com