Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8222 Datasheet(PDF) 20 Page - ams AG

Part # AS8222
Description  Enhanced FlexRay Standard Transceiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8222 Datasheet(HTML) 20 Page - ams AG

Back Button AS8222 Datasheet HTML 16Page - ams AG AS8222 Datasheet HTML 17Page - ams AG AS8222 Datasheet HTML 18Page - ams AG AS8222 Datasheet HTML 19Page - ams AG AS8222 Datasheet HTML 20Page - ams AG AS8222 Datasheet HTML 21Page - ams AG AS8222 Datasheet HTML 22Page - ams AG AS8222 Datasheet HTML 23Page - ams AG AS8222 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
AS8222
Datasheet - Detailed Descr i p ti on
www.ams.com/eng/FlexRay/AS8222
Revision 1.0
19 - 42
7 Detailed Description
The AS8222 is a FlexRay Transceiver operating as an interface between the Communication Controller and the wired bus lines. The AS8222 is
designed to extend the application range for high speed and safety critical time triggered bus systems in an automotive environment. The drivers
are short circuit protected against the positive and negative supply voltage to increase the robustness and reliability of automotive systems. The
AS8222 operates at baudrates up to 10 Mbps.
7.1 Block Description
The AS8222 consists of 9 functional blocks Figure 1.
7.2 Events
Transitions in order to change between the operation modes are possible only if events are detected. The device supports three types of events:

Events on the host controller interface (STBN, EN),

Detection of undervoltage or supply voltage recovery and

Wake events.
Mode changes are only performed upon detected events.
7.3 Operating Modes
The AS8222 provides the following operating modes:

NORMAL: Non-low-power mode

RECEIVE-ONLY: Non-low-power mode

STANDBY: Low-power mode

GO-TO-SLEEP: Low-power mode

SLEEP: Low-power mode
Table 16. Functional Blocks
Symbol
Parameter
Host Controller Interface (HCI)
Digital interface between the Transceiver and the host controller (HC)
The host interface comprises the read-out handler, which delivers failure and status information via
the ERRN pin to the host controller.
Communication Controller Interface (CCI) Digital interface between the Transceiver and the FlexRay communication controller (CC)
Bus Guarding Interface (BGI)
Digital interface between the Transceiver and the FlexRay bus guardian (BG) or monitoring
circuitry.
Power Supply Interface
(PSI)
The power supply interface consists of the voltage monitor (VM) with two analog inhibit outputs
switching external voltage supplies.
Internal Logic (IL)
The digital signals from the functional blocks of the device are fed into the internal logic where the
forwarding of FlexRay messages from analog side to digital interfaces and vice versa is done. The
state machine is embedded in the Internal Logic and the handling of error, wake, and power-on
flags is executed herein.
Bus Failure Detector (BFD)
Temperature Protection (TP)
The bus failure detector is directly connected to the bus pins, in order to detect several external
failure conditions which may occur on the bus.
The temperature protection turns off the output driver when reaching the specified internal
temperature in order to protect the device.
Transmitter
The transmitter provides the differential signaling according the FlexRay standard on the bus pins.
Receiver
The Receiver captures FlexRay valid signals at the bus pins and provides the received data
streams to the Internal Logic.
Wake-Up Detector (WUD)
The wake-up detector recognizes valid wake-up frames on the bus, recognizes a wake signal on
the local WAKE pin and signals valid wake-up events to the Internal Logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com