Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8222 Datasheet(PDF) 25 Page - ams AG

Part # AS8222
Description  Enhanced FlexRay Standard Transceiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8222 Datasheet(HTML) 25 Page - ams AG

Back Button AS8222 Datasheet HTML 21Page - ams AG AS8222 Datasheet HTML 22Page - ams AG AS8222 Datasheet HTML 23Page - ams AG AS8222 Datasheet HTML 24Page - ams AG AS8222 Datasheet HTML 25Page - ams AG AS8222 Datasheet HTML 26Page - ams AG AS8222 Datasheet HTML 27Page - ams AG AS8222 Datasheet HTML 28Page - ams AG AS8222 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
AS8222
Datasheet - Detailed Descr i p ti on
www.ams.com/eng/FlexRay/AS8222
Revision 1.0
24 - 42
7.10 Fail Silent Behaviour
7.10.1 RxEN / BGE Timeout
In case no edges on RxEN and BGE are detected within tTxEN_timeout, the transmitter will stop transmitting the signals on RxD to the bus pins.
Transmission is only possible in case the BGE (Bus Guardian Enable) pin is set to high and if TxEN (Transmit Enable Not) is set to low (see
Table 17).
7.10.2 State Transitions due to Undervoltage Detection

In case of VBAT or VIO undervoltage is detected, SLEEP mode will be entered regardless the status of EN and STBN.

In case VCC undervoltage is detected, STANDBY mode will be entered regardless the status of EN and STBN.

VBAT and VIO undervoltage detection have higher priority than VCC undervoltage detection.

In case undervoltage at VBAT and VCC is detected, POWER-OFF mode is entered (bus state: Idle_HZ).
7.10.3 State Transitions due to Voltage Recovery Detection

If the voltage recovers the device will enter the mode selected by the EN and STBN pins, in case no undervoltage is present at the other
supply pins.

Starting from the POWER-OFF, the device enters the state selected by the host input pins (EN, STBN) only if VBAT or VCC recovers (VBAT
≥ VBATTHH or VCC ≥ VCCTHH) while VIO is available (undervoltage flag of VIO flag not set). If the VIO undervoltage flag is set, the
STANDBY mode will be entered. In both cases the Power-On flag is set.

If VBAT ≤ VBATTHL and VCC ≤ VCCTHL the device will be in POWER-OFF state, thus the bus wires are not terminated (bus state: Idle_HZ).
7.11 Mode Transitions

Starting from every operation mode the device enters POWER-OFF in case a power-off event occurs regardless the VIO undervoltage flag,
the wake-up flag and the host input pins (EN, STBN).

Starting from the POWER-OFF the device enters STANDBY only in case a power-on event occurs.

Starting from every operation mode the device enters SLEEP in case VBAT or VIO undervoltage flag is set regardless the VCC undervoltage
flag, the wake-up flag and the host input pins (EN, STBN).

Starting from every operation mode except SLEEP the device enters STANDBY in case VCC undervoltage flag is set and VBAT and VIO
undervoltage flags are not set, regardless the wake-up flag indication and the host input pins state.

Starting from a low-power mode the device enters the operation mode indicated by the host input pins if a wake-up event occurs.

In case all the undervoltage flags are reset the operation mode is selected by the wake-up flag and the host pins according to Table 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com