Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8222 Datasheet(PDF) 26 Page - ams AG

Part # AS8222
Description  Enhanced FlexRay Standard Transceiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8222 Datasheet(HTML) 26 Page - ams AG

Back Button AS8222 Datasheet HTML 22Page - ams AG AS8222 Datasheet HTML 23Page - ams AG AS8222 Datasheet HTML 24Page - ams AG AS8222 Datasheet HTML 25Page - ams AG AS8222 Datasheet HTML 26Page - ams AG AS8222 Datasheet HTML 27Page - ams AG AS8222 Datasheet HTML 28Page - ams AG AS8222 Datasheet HTML 29Page - ams AG AS8222 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
AS8222
Datasheet - Detailed Descr i p ti on
www.ams.com/eng/FlexRay/AS8222
Revision 1.0
25 - 42
Table 18. Pin Signalling in Operating Modes
Inputs
Operation Mode
Outputs
STBN
EN
RxD
RxEN
INH1
INH2
HH
NORMAL
L
Bus = Data_0
L
Bus = Active
HH
H
Bus = Idle or Data_1
H
Bus = Idle
H
L
RECEIVE-ONLY
L
Bus = Data_0
L
Bus = Active
HH
H
Bus = Idle or Data_1
H
Bus = Idle
LH
GO-TO-SLEEP
1
NOT [Wake-up flag]
NOT [Wake-up flag]
H
Floating
2
L
L
STANDBY
NOT [Wake-up flag]
NOT [Wake-up flag]
H
Floating
2
LX
SLEEP
3
NOT [Wake-up flag]
NOT [Wake-up flag]
Floating
Floating
1. If GO-TO-SLEEP is selected for more than tSLEEP then the device will enter SLEEP only if the wake-up flag is not set otherwise it will
remain in GO-TO-SLEEP.
2. If wake-up flag is set INH2=H otherwise INH2=floating.
3. Starting from SLEEP, if the wake-up flag is set, the device enters STANDBY regardless of the host pins state and undervoltage flags.
Starting from SLEEP, if the wake up flag is not set, the only operating mode that can be entered through host pins are the non-low-power
modes.
Note: “H” = Digital level high; “L” = Digital level low; “X” = Don’t care; “Floating” = the analog output is not driven.
Table 19. Mode Transitions
Initial Mode
Supply Undervoltage Flag / Event
Wake Flag
Host Event
Next Mode
VIO
VBAT
VCC
STBN
EN
NORMAL
L
L
L
X
H
H
→L
RECEIVE-ONLY
L
L
L
X
H
→LH→L
STANDBY
LL
L
→H
XXX
LL
L
X
H
→L
H
GO-TO-SLEEP
L
→ H
L
XXXX
SLEEP
XL
→ H
L
XXX
RECEICVE-ONLY
LL
L
X
H
L
→ HNORMAL
LL
L
X
H
→ LL
STANDBY
LL
L
→ H
XXX
L
→ H
L
XXXX
SLEEP
XL
→ H
L
XXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com