Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8222 Datasheet(PDF) 34 Page - ams AG

Part # AS8222
Description  Enhanced FlexRay Standard Transceiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8222 Datasheet(HTML) 34 Page - ams AG

Back Button AS8222 Datasheet HTML 30Page - ams AG AS8222 Datasheet HTML 31Page - ams AG AS8222 Datasheet HTML 32Page - ams AG AS8222 Datasheet HTML 33Page - ams AG AS8222 Datasheet HTML 34Page - ams AG AS8222 Datasheet HTML 35Page - ams AG AS8222 Datasheet HTML 36Page - ams AG AS8222 Datasheet HTML 37Page - ams AG AS8222 Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
AS8222
Datasheet - B u s D r i v e r
www.ams.com/eng/FlexRay/AS8222
Revision 1.0
33 - 42
8.4 Receiver
The receiver generates from the FlexRay differential bus voltage a digital signal on the RxD and RxEN pins. RxD shows the data (Data0 and
Data1) and RxEN shows the bus idle and activity status received on the bus pins. The receiver is only active in NORMAL and RECEIVE_ONLY
mode.
Figure 11. Timing Characteristics (BUS
→ RxD and RxEN)
8.4.1 Bus activity and idle detection (only in NORMAL and RECEIVE ONLY mode)

If the absolute differential bus voltage is higher than VBUSActiveLow and less than VBUSActiveHigh for a time longer than tBUSIdleDetection, bus
Idle is detected, RxEN and RxD are switched to logical high after with a time tBUSIdleReaction.

If the absolute differential bus voltage is higher than VBUSActiveHigh or lower than VBUSActiveLow for a time loner than tBUSActivitiyDetection, bus
Activity is detected, RxEN is switched to logical low and RxD is following the detected bus data states as indicated below with a time
tBUSActivityReaction.
Table 23. Logic Table for Receiver Bus Signal Detection
Receiver Operation Mode
Bus State / Signals
RxEN
RxD
Normal power modes (NORMAL and RECEIVE-ONLY mode)
Idle
H
H
Data0
L
L
Data1
L
H
VBUS
-VBUS_DIFF_Idle
+ VBUS_DIFF_Idle
tRxD_FALL
VBUS_ActiveHigh
VData1
VBUS_ActiveLow
VData0
VRxEN
30% * VIO
70% * VIO
VRxD
30% * VIO
70% * VIO
tBUSActivityReaction
tBUS_RxD10
tBUS_RxD01
tRxD_RISE
tBUSIdleReaction
Data0: x * tBIT
Data1: x * tBIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com