Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8222 Datasheet(PDF) 29 Page - ams AG

Part # AS8222
Description  Enhanced FlexRay Standard Transceiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8222 Datasheet(HTML) 29 Page - ams AG

Back Button AS8222 Datasheet HTML 25Page - ams AG AS8222 Datasheet HTML 26Page - ams AG AS8222 Datasheet HTML 27Page - ams AG AS8222 Datasheet HTML 28Page - ams AG AS8222 Datasheet HTML 29Page - ams AG AS8222 Datasheet HTML 30Page - ams AG AS8222 Datasheet HTML 31Page - ams AG AS8222 Datasheet HTML 32Page - ams AG AS8222 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
AS8222
Datasheet - Detailed Descr i p ti on
www.ams.com/eng/FlexRay/AS8222
Revision 1.0
28 - 42
7.13.7 BP Short Circuit to GND
BP short circuit to GND can only be set in NORMAL mode if the driver is enabled. The flag is set if the absolute current flowing through BP is
higher than ITHH during transmission of Data1 for a time longer than tBUS_ERROR.
7.13.8 BM Short Circuit to VCC
BM short circuit to VCC can only be set in NORMAL mode if the driver is enabled. The flag is set if the absolute current flowing through BM is
higher than ITHH during transmission of Data1 for a time longer than tBUS_ERROR.
7.13.9 BM Short Circuit to GND
BM short circuit to GND can only be set in NORMAL mode if the driver is enabled. The flag is set if the absolute current flowing through BM is
higher than ITHH during transmission of Data0 for a time longer than tBUS_ERROR.
7.13.10 Short Circuit between BP and BM
The flag is set if, after a time tBUS_INHIB while the driver is enabled and active until the end of the current FlexRay frame and the absolute
differential bus voltage is lower than VSHORT.
7.13.11 Over-temperature
This flag can only be set and reset in the non-low-power modes. The flag is set if the junction temperature exceeds OTTH and is reset if the
junction temperature falls below OTTL.
7.13.12 TxEN_BGE Timeout
This flag can only be set in NORMAL mode if the driver is enabled (TxEN is low and BGE is high) for a time longer than tTxEN_max. It is reset after
every status change at TxEN or BGE or if the device exits NORMAL mode. In case the flag is set the driver is disabled.
7.13.13 Error Flag
This flag is set if at least one error flag (as listed below) is set, except undervoltage VBAT, VIO and VCC (refer to sections 7.13.1, 7.13.2 &
7.13.3). The error flag is reset if none of the flags are set.
Note: The error flag is signalled on ERRN pin according to Table 20.
7.14 STATUS Flags Description
7.14.1 Local and Remote Wake Flag
Local and remote flags and function are described in Section 7.7 Wake-Up Events.
7.14.2 Power on Flag
The power on flag is set leaving the POWER-OFF state and it is reset entering a low-power mode after a non-low-power mode.
7.14.3 BGE Status
The BGE status flag is set if BGE is high and is reset if BGE is low. The state of the BGE is latched at the beginning of the readout cycle.
Table 21. Functional Blocks
Section No.
Flag Name
7.13.4
Bus Error
7.13.5
Bus Open Line
7.13.6
BP Short Circuit to VCC
7.13.7
BP Short Circuit to GND
7.13.8
BM Short Circuit to VCC
7.13.9
BM Short Circuit to GND
7.13.10
Short Circuit between BP and BM
7.13.11
Over-temperature
7.13.12
TxEN_BGE Timeout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com