Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8222 Datasheet(PDF) 21 Page - ams AG

Part # AS8222
Description  Enhanced FlexRay Standard Transceiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8222 Datasheet(HTML) 21 Page - ams AG

Back Button AS8222 Datasheet HTML 17Page - ams AG AS8222 Datasheet HTML 18Page - ams AG AS8222 Datasheet HTML 19Page - ams AG AS8222 Datasheet HTML 20Page - ams AG AS8222 Datasheet HTML 21Page - ams AG AS8222 Datasheet HTML 22Page - ams AG AS8222 Datasheet HTML 23Page - ams AG AS8222 Datasheet HTML 24Page - ams AG AS8222 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
AS8222
Datasheet - Detailed Descr i p ti on
www.ams.com/eng/FlexRay/AS8222
Revision 1.0
20 - 42
7.3.1 NORMAL Mode
In this mode the transceiver is able to send and receive data signals on the bus. TxEN and BGE control the state of the transmitter. INH1 and
INH2 outputs are set high. RxD shows the bus data and RxEN the bus state. The error read out mechanism is enabled. In this mode the
transmitter state can be selected as shown in Table 17. In case the over-temperature flag is set the transmitter is disabled. The bus wires are
terminated to VCC/2 via receiver input resistances.

If the differential bus voltage is higher than VBUSActivehigh or lower than VBUSActivelow for a time longer than tBUSActiveDetection, then activity is
detected on the bus (Bus = active), RxEN is switched to logical “low” and RxD is released.

If after the activity detection, the differential bus voltage is higher than VData1, RxD is high.

If after the activity detection, the differential bus voltage is lower than VData0, RxD is low.

If the absolute differential bus voltage is lower than VBUSActivehigh and higher than VBUSActivelow for a time longer than tBUSIdleDetection, then
idle is detected on the bus (Bus = idle), RxEN and RxD are switched to logical “high”.
7.3.2 RECIEVE-ONLY Mode
In this mode the transceiver has the same behavior as in NORMAL mode but the transmitter is disabled.
7.3.3 STANDBY Mode
In this mode the transceiver is not able to send and receive data signals to and from the bus, but the wake up detector is active. The power
consumption is significantly reduced with respect to the non-low-power operation modes. RxD, RxEN signals the negation of the wake-up flag.
INH1 is set to high. If wake-up flag is set then INH2 is high, otherwise it is floating. The error read out mechanism is not enabled. The bus wires
are terminated to GND (bus state: Idle_LP).
7.3.4 GO-TO-SLEEP Mode
In this mode the transceiver has the same behavior as in STANDBY mode but if this mode is selected for a time longer than tSLEEP and the wake
flag is cleared the device enters into the SLEEP mode.
7.3.5 SLEEP Mode
In this mode the transceiver has the same behavior as in standby mode but INH1 and INH2 are floating.
7.4 Non-Operating Modes
The AS8222 provides the following non-operating mode:

POWER-OFF
7.4.1 POWER-OFF Mode
In this mode the transceiver is not able to operate. RxD, RxEN are set to high and ERRN is set to low. INH1 and INH2 are floating. The bus wires
are not connected to GND (bus state: Idle_HZ).
7.5 Undervoltage Events
The device monitors the following three voltage supplies:

VBAT:Battery supply voltage

VIO: Supply voltage for I/O digital level adaptation

VCC: Supply voltage (+5V)
Table 17. Transmitter States
BGE
TxEN
TxD
Transmitter State
Bus state
H
L
H
Enabled
Data_1 (BP is driven high, BM is driven low)
H
LLEnabled
Data_0 (BP is driven low, BM is driven high)
X
H
X
Disabled
Idle (BP and BM are not driven)
L
X
X
Disabled
Idle (BP and BM are not driven)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com