Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8222 Datasheet(PDF) 24 Page - ams AG

Part # AS8222
Description  Enhanced FlexRay Standard Transceiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8222 Datasheet(HTML) 24 Page - ams AG

Back Button AS8222 Datasheet HTML 20Page - ams AG AS8222 Datasheet HTML 21Page - ams AG AS8222 Datasheet HTML 22Page - ams AG AS8222 Datasheet HTML 23Page - ams AG AS8222 Datasheet HTML 24Page - ams AG AS8222 Datasheet HTML 25Page - ams AG AS8222 Datasheet HTML 26Page - ams AG AS8222 Datasheet HTML 27Page - ams AG AS8222 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
AS8222
Datasheet - Detailed Descr i p ti on
www.ams.com/eng/FlexRay/AS8222
Revision 1.0
23 - 42
7.9 System Description
Figure 5. State Machine Diagram
Notes:
1. This state diagram does not include all transitions, which are shown in Table 19.
2. Prefix of “WHILE” is an event and suffix in brackets checks the flags or in case of EN and STBN the input condition.
- For example: VREC_VBAT WHILE (EN=0 AND STBN=0)
- After the event VBAT supply voltage recovery is detected, the transition is performed if EN and STBN are “low”.
UV_VBAT:Undervoltage event and/or flag for VBAT supply voltage
UV_VIO:Undervoltage event and/or flag for VIO supply voltage
UV_VCC:Undervoltage event and/or flag for VCC supply voltage
VREC_VBAT:Voltage recovery event and/or flag for VBAT supply
voltage
WAKE:Wake event and/or flag
VREC_VIO:Voltage recovery event and/or flag for VIO supply voltage
VREC_VCC:Voltage recovery event and/or flag for VCC supply
voltage
Reset_Wake:Wake flag is set to low
Reset_UV_VCC:Undervoltage flag VCC is set to low
EN
=1
AN
D S
TB
N=0
EN=
0 A
ND
STB
N=1
POWER-OFF
RECEIVE-ONLY
STANDBY
SLEEP
EN=0 WHILE (STBN=1)
EN=1 WHILE (STBN=1)
EN=0 AND STBN=0
OR
UV_VCC
UV_VBAT THEN (RESET_WAKE)
OR
UV_VIO THEN (RESET_WAKE)
From any State (except
Power Off)
EN=0 WHILE (STBN=0)
OR
UV_VCC
EN=1 WHILE (STBN=0)
OR
WAKE WHILE (EN=1 AND STBN=0)
OR
VREC_VCC WHILE (EN=1 AND STBN=0)
Timer = tSLEEP
WA
KE
WH
ILE
(EN
=0
AN
D S
TB
N=
0)
OR
VR
EC
_V
BA
T
WH
ILE
(EN
=0
AN
D S
TB
N=
0)
OR
VR
EC
_V
IO
WH
ILE
(EN
=0
AN
D S
TB
N=
0)
OR
VR
EC
_V
IO
WH
ILE
(UV
_V
CC
)
STBN=1 WHILE (EN=0)
OR
WAKE WHILE (EN=0 AND STBN=1)
OR
VREC_VBAT WHILE (EN=0 AND STBN=1)
OR
VREC_VIO WHILE (EN=0 AND STBN=1)
Input:
EN = 0
STBN = 1
Output:
INH1 = 1
INH2 = 1
Input:
EN = x
STBN = 0
Output:
INH1 = float
INH2 = float
UV_VBAT WHILE (UV_VCC)
OR
UV_Vcc WHILE (UV_VBAT)
WAKE WHILE (EN=0 AND STBN=0)
OR
UV_VCC WHILE (EN=0 AND STBN=0)
OR
VREC_VCC WHILE (EN=0 AND STBN=0)
OR
WHILE (UV_VCC)
(EN=0 OR EN=1)
OR
(STBN=1 OR STBN=0) WHILE (UV_V
BAT
OR UV_VIO)
OR
UV_VBAT OR UV_VIO OR UV_V
CC
OR
VREC_VCC
NORMAL
Input:
EN = 1
STBN = 1
Output:
INH1 = 1
INH2 = 1
GO-TO-SLEEP
Input:
EN = 1
STBN = 0
Output:
INH1 = 1
INH2 = float
Input:
EN = 0
STBN = 0
Output:
INH1 = 1
INH2 = float
EN=
1 AN
D ST
BN=
1
OR
WAK
E
WH
ILE
(EN=
1 AN
D ST
BN=
1) TH
EN
(Res
et_U
V_V
CC)
OR
V
REC_V
CC W
HILE
(EN=
1 AN
D ST
BN=
1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com