Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8222 Datasheet(PDF) 19 Page - ams AG

Part # AS8222
Description  Enhanced FlexRay Standard Transceiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8222 Datasheet(HTML) 19 Page - ams AG

Back Button AS8222 Datasheet HTML 15Page - ams AG AS8222 Datasheet HTML 16Page - ams AG AS8222 Datasheet HTML 17Page - ams AG AS8222 Datasheet HTML 18Page - ams AG AS8222 Datasheet HTML 19Page - ams AG AS8222 Datasheet HTML 20Page - ams AG AS8222 Datasheet HTML 21Page - ams AG AS8222 Datasheet HTML 22Page - ams AG AS8222 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
AS8222
Datasheet - Electrical Character i s t ics
www.ams.com/eng/FlexRay/AS8222
Revision 1.0
18 - 42
6.12 Bus Guardian Interface
6.13 Read Out Interface
Table 14. Bus Guardian Interface
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VBGEIH
uVDIG-IN-
HIGH
Threshold for detecting BGE as on logical high
Threshold for detecting a digital input as on
logical high
0.48 * VIO 0.7 * VIO
0.7 ×
uVDIG
V
VBGEIL
uVDIG-IN-
LOW
Threshold for detecting BGE as on logical low
Threshold for detecting a digital input as on
logical low
0.3 * VIO
0.3 ×
uVDIG
0.48 * VIO
V
IBGEIH
BGE high level input current
20
50
100
µA
IBGEIL
BGE low level input current
-5
0
5
µA
VRxENOH
uVDIG-OUT-
HIGH
RxEN high level output voltage
Output voltage on a digital output, when in
logical high state
IRxEN=-4mA, VIO=5V
0.8 * VIO
0.8 ×
uVDIG
0.9 * VIO 1.0 * VIO
1.0 ×
uVDIG
V
VRxENOL
uVDIG-OUT-
LOW
RxEN low level output voltage
Output voltage on a digital output, when in
logical low state
IRxEN=4mA, VIO=5V
0
0.1 * VIO 0.2 * VIO
0.2 ×
uVDIG
V
Table 15. Read Out Interface
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tRO_PROP_ERRN
Propagation delay falling edge EN to ERRN
2
4.5
µs
tRO_EN_TIMEOUT
Error read out time out
25
50
100
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com