Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8222 Datasheet(PDF) 13 Page - ams AG

Part # AS8222
Description  Enhanced FlexRay Standard Transceiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8222 Datasheet(HTML) 13 Page - ams AG

Back Button AS8222 Datasheet HTML 9Page - ams AG AS8222 Datasheet HTML 10Page - ams AG AS8222 Datasheet HTML 11Page - ams AG AS8222 Datasheet HTML 12Page - ams AG AS8222 Datasheet HTML 13Page - ams AG AS8222 Datasheet HTML 14Page - ams AG AS8222 Datasheet HTML 15Page - ams AG AS8222 Datasheet HTML 16Page - ams AG AS8222 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
AS8222
Datasheet - Electrical Character i s t ics
www.ams.com/eng/FlexRay/AS8222
Revision 1.0
12 - 42
VBPidle_low,
VBMidle_low
uBias
Idle voltage in low-power modes on
pin BP, BM
Bus bias voltage during low-power
modes
Low-power modes
40
Ω < RL < 55 Ω
-0.2
-200
0+0.2
+200
V
mV
IBPidle
Absolute idle output current on pin BP
-40 V < VBP < 40 V
02
7.5
mA
IBMidle
Absolute idle output current on pin BM
-40 V < VBM < 40 V
02
7.5
mA
IBPleak_ST,
IBMleak_ST
iBPLeak,
iBMLeak
Absolute leakage current, when not
powered
Absolute leakage current, when not
powered
VBP=VBM=5 V, VDD=0 V, VBAT=0 V;
VIO=0 V;
Tamb < 125°C
625
25
µA
µA
IBPleak_HT,
IBMleak_HT
Absolute leakage current, when not
powered
VBP=VBM=5 V, VDD=0 V, VBAT=0 V;
VIO=0 V;
125°C < Tamb < 150°C
35
150
µA
VBUSActiveHigh
uBusActiveHigh
Activity detection differential input
voltage high
Upper receiver threshold for detecting
activity
Normal power modes
-10 V < (VBP, VBM) < 15 V
150
150
260
400
425
mV
mV
VBUSActiveLow
uBusActiveLow
Activity detection differential input
voltage low
Lower receiver threshold for detecting
activity
Normal power modes
-10 V < (VBP, VBM)< 15 V
-400
-425
-260
-150
-150
mV
mV
VData1
uData1
Data1 detection differential input
voltage
Receiver threshold for detecting
Data_1
Pre-condition: activity already
detected. Normal power mode.
-10 V < (VBP, VBM)< 15 V
150
150
225
300
300
mV
mV
VData0
uData0
Data0 detection differential input
voltage
Receiver threshold for detecting
Data_0
Pre-condition: activity already
detected. Normal power mode.
-10 V < (VBP, VBM)< 15 V
-300
-300
225
-150
-150
mV
mV
VDataErr
ΔuData
Mismatch between Data0 and Data1
differential input voltage
Mismatch of receiver thresholds
2 x (
VData0- VData1) /
(
VData0+VData1)
1
010
10
%
%
tBUS_RxD10
dBDRx10
Delay from BUS to RxD negative edge
Receiver delay, negative edge
CRXD=15 pF
2
34
80
100
ns
ns
tBUS_RxD01
dBDRx01
Delay from BUS to RxD positive edge
Receiver delay, positive edge
CRXD=15 pF
2
34
80
100
ns
ns
Table 6. Receiver
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com