Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8222 Datasheet(PDF) 2 Page - ams AG

Part # AS8222
Description  Enhanced FlexRay Standard Transceiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8222 Datasheet(HTML) 2 Page - ams AG

  AS8222 Datasheet HTML 1Page - ams AG AS8222 Datasheet HTML 2Page - ams AG AS8222 Datasheet HTML 3Page - ams AG AS8222 Datasheet HTML 4Page - ams AG AS8222 Datasheet HTML 5Page - ams AG AS8222 Datasheet HTML 6Page - ams AG AS8222 Datasheet HTML 7Page - ams AG AS8222 Datasheet HTML 8Page - ams AG AS8222 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
AS8222
Enhanced FlexRay Standard Transceiver
www.ams.com/eng/FlexRay/AS8222
Revision 1.0
1 - 42
1 General Description
The AS8222 is a high-speed fault tolerant device operating as
interface between a generic FlexRay Communication Controller and
the copper wiring.
This device is the first FlexRay certified Transceiver for temperature
ranges up to 150°C ambient temperature. For bare-die deliveries
please contact ams for more information.
The AS8222 is designed to extend the application range for high
speed and safety critical time triggered bus systems in an
automotive environment. The bus driver is protected against short
circuits to the supply and GND. The AS8222 operates at baudrates
up to 10 Mbps and is fully conforming to the FlexRay Electrical
Physical Layer Specification V2.1 Rev B.
The AS8222 provides a host controller interface consisting of Enable
(EN) and Standby (STBN) input pins for mode handling by the
microcontroller and the Error (ERRN) output pin, signalling failures
and status information.
The device supports the NORMAL mode with activated FlexRay bus
transmitter and receiver, the RECEIVE_ONLY mode with activated
receiver only to avoid unwanted disturbances while listening to the
communication and the low-power modes STANDBY and SLEEP
with very low power consumption.
In case of undervoltage at one of the supply voltages (VBAT, VCC,
and VIO) the device will change its mode to a low-power mode
(either STANDBY or SLEEP mode) and the device will signal an
error accordingly. In case of low voltage is detected on both VBAT
and VCC the device will enter the POWER-OFF mode.
Ensuring application in safety critical environments a two wire bus-
guardian interface is implemented where additional redundant
circuitries on the electronic-control-unit can monitor the
communication on the receive enable output (RxEN) and can
activate and deactivate through the bus guardian enable input (BGE)
the transmitter. Additionally in low-power modes the wake conditions
at the RxEN pin can be monitored.
A thermal sensor circuit with an integral shutdown mechanism
prevents damage to the device in extreme temperature conditions.
2 Key Features

Data transfer up to 10 Mbps

Compliant with FlexRay Electrical Physical Layer Specification
V2.1 Rev. B

Wide operating ambient temperature range -40°C to +150°C

Excellent EMC performance

High common mode range insures excellent EMI immunity

Interface with optional bus guardian for bus supervision

Automatic thermal shutdown protection

Supports 12, 24V systems with low sleep current consumption

Integrated power management system

Two INH pins for the external voltage regulators control

Local wake-up input

Remote wake-up capability via FlexRay bus in sleep mode

Supports 2.5, 3, 3.3, 5 V microcontrollers and automatically
adapts to interface levels

Does not disturb the bus line if not powered

Protected against damage due to short circuit conditions on the
bus (positive and negative battery voltage)

Small Pb-free package: SSOP-20

Automotive qualified to AEC-Q100, grade 0

For bare-die deliveries please contact us.
3 Applications
The AS8222 FlexRay Standard Transceiver is best fitting for
automotive FlexRay nodes where bus wake-up and voltage regulator
control for voltage supplies is needed.
The device addresses all ECUs connected to the permanent battery
supply (terminal 30).
The device is best suited for high temperature applications with up to
150°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com