Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXM Datasheet(PDF) 114 Page - List of Unclassifed Manufacturers

Part # AXM
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXM Datasheet(HTML) 114 Page - List of Unclassifed Manufacturers

Back Button AXM Datasheet HTML 110Page - List of Unclassifed Manufacturers AXM Datasheet HTML 111Page - List of Unclassifed Manufacturers AXM Datasheet HTML 112Page - List of Unclassifed Manufacturers AXM Datasheet HTML 113Page - List of Unclassifed Manufacturers AXM Datasheet HTML 114Page - List of Unclassifed Manufacturers AXM Datasheet HTML 115Page - List of Unclassifed Manufacturers AXM Datasheet HTML 116Page - List of Unclassifed Manufacturers AXM Datasheet HTML 117Page - List of Unclassifed Manufacturers AXM Datasheet HTML 118Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 122 page
background image
DELUXE TTEST LLEAD KKIT 33515
111
1 R/B set of leads with right angle banana plugs or
sockets to heavy duty standard banana plug. 18 AWG,
48” long PVC
1 R/B set of leads with right angle banana plugs or
sockets to pin tip test probes (see probe 30), 18 AWG,
48” long PVC
1 R/B set of hypo-action X100W mini-hooks with
standard banana sockets
1 R/B set of needle tip test probes (see probe 36) with
banana sockets
1 R/B set of standard banana plugs with banana sockets
(accepts shrouded plugs)
1 R/B set of .250” spade lugs with banana sockets
1 R/B set of standard alligator clips with banana sockets
1 R/B set of large alligator clips with banana sockets
(accepts shrouded plugs)
Kit is packaged in a reusable zipper bag.
Orrderr DDesk: 11 ((800) 9995-HHOOK
Part No.
Interface Description
3515-11
Test Kit: with Std. Right Angle Banana Plug (P/N 9304)
3515-22
Test Kit: with Shrouded Right Angle Banana Plug; fits
Amprobe & some BBeckman (P/N 9301)
3515-33
Test Kit: with Shrouded Right Angle Banana Plug; fits
B&K, Beckman, AAmprobe, HHP, Fluke, M
Meterman, and
Greenlee (P/N 9302)
3515-44
Test Kit: with Shrouded Right Angle Banana Socket; fits
Simpson & Triplett (P/N 9309)
NOTE:
This kit comes with a red and black set of leads with a right angle banana plug or socket of your choice (see page 109)
to a heavy duty standard banana plug, and another set to a pin tip test probe. Please see the chart for ordering
information and to select the part that best matches your requirement.
DELUXE TTEST LLEAD KIT
Kit CComponents:
Select banana from chart.
Select right angle banana
style from chart on page 109.
Select right angle banana
style from chart on page 109.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com