Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXM Datasheet(PDF) 117 Page - List of Unclassifed Manufacturers

Part # AXM
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXM Datasheet(HTML) 117 Page - List of Unclassifed Manufacturers

Back Button AXM Datasheet HTML 113Page - List of Unclassifed Manufacturers AXM Datasheet HTML 114Page - List of Unclassifed Manufacturers AXM Datasheet HTML 115Page - List of Unclassifed Manufacturers AXM Datasheet HTML 116Page - List of Unclassifed Manufacturers AXM Datasheet HTML 117Page - List of Unclassifed Manufacturers AXM Datasheet HTML 118Page - List of Unclassifed Manufacturers AXM Datasheet HTML 119Page - List of Unclassifed Manufacturers AXM Datasheet HTML 120Page - List of Unclassifed Manufacturers AXM Datasheet HTML 121Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 122 page
background image
AUTOMOTIVE TTEST KKITS
DDEELLUUXXEE LLEEAADD SSEETT
Part No. Lead Wire Type Includes:
3519
18 AWG
9820-18R/B, 9820-48 R/B,
PVC
9183-144RED
3520
18 AWG
9897-18R/B, 9897-48 R/B,
Silicone
9883SIL-144RED
DELUXE AUTOMOTIVE TEST KKITS
Part No.
Hook Style
Wire Type
3501
610XJL-3
18 AWG PVC
3502
410XJL-3
18 AWG Silicone
3503*
610XJL-3
18 AWG Coiled PVC
Part No.
Hook Style
Wire Type
3601
XEL
18 AWG PVC
3602
XEL
18 AWG Silicone
3603*
XEL
18 AWG Coiled PVC
1 R/B set of 36” leads, standard banana plug to standard banana plug
1 144” lead, standard banana plug to standard banana plug ground
extension lead, black
1 insulation piercing macro-hook to standard banana socket, red (P/N 610XJL-3)
1 pin tip test probe with banana socket, red (P/N 31)
1 R/B set of standard insulated alligator clips with banana sockets (P/N 8016)
Kit packaged in nylon box
*If ordering coiled PVC, please note that the black ground lead will be provided with standard PVC.
1 R/B set of 36” leads, standard banana plug to standard banana plug
1 144” lead, standard banana plug to standard banana plug ground
extension lead, black
1 insulation piercing XEL hook with banana socket, red (P/N XEL)
1 pin tip test probe with banana socket, red (P/N 31)
1 R/B set of standard insulated alligator clips with banana sockets (P/N 8016)
Kit packaged in nylon box
*If ordering coiled PVC, please note that the black ground lead will be provided with standard PVC.
1 R/B set of insulation piercing hooks with
banana socket (select 610XJL-3 or XEL)
1 R/B set of pin tip test probes with banana
sockets (P/N 31)
1 R/B set of standard insulated alligator clips
with banana sockets (P/N 8016)
1 R/B set of heavy duty alligator clips with
banana sockets (P/N 9468))
1 Deluxe Lead Set (includes 5 leads). Select
PVC or Silicone wire. (See P/N 3519 & 3520)
Kit packaged in nylon box
Includes FFive ((5) LLeads:
Two (2) right angle banana plugs to standard banana plugs, 18” long (1 red, 1
black); two (2) right angle banana plugs to standard banana plugs, 48” long (1
red, 1 black); one (1) standard banana plug to standard banana plug, 144” long
(red). Select from standard PVC or silicone wire. Shrouded right angle banana
plugs fit B&K, Beckman, Amprobe, HP, Fluke, Meterman, and Greenlee.
Part No.
Hook Style
Wire Type
Deluxe Lead Set
3504
610XJL-3
18 AWG PVC
3519
3505
410XJL-3
18 AWG Silicone
3520
3604
XEL
18 AWG PVC
3519
3605
XEL
18 AWG Silicone
3520
Kit provided with above components, deluxe lead set, and your
choice of XJL or XEL hooks.
XEL
XJL
114
www.e-zz-hhooook.coom
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com