Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1660ACBZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP1660ACBZ-R7
Description  Dual 750 mA LED Flash Driver with I2C-Compatible Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1660ACBZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADP1660ACBZ-R7 Datasheet HTML 1Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADP1660
Data Sheet
Rev. 0 | Page 4 of 28
Parameter2
Test Conditions/Comments
Min
Typ
Max
Unit
DIGITAL INPUTS/GPIO PIN
Input Logic Low Voltage
0.54
V
Input Logic High Voltage
1.26
V
GPIO, STROBE Pull-Down Resistance
390
kΩ
Torch Glitch Filtering Delay4
From GPIO (torch) rising edge to device start
7.4
8.0
8.6
ms
SAFETY FEATURES
Maximum Timeout for Flash
1600
ms
Timer Accuracy
−7.0
+7.0
%
DC Current Limit5
DC current value setting = 0 (000 binary)
0.9
1.0
1.1
A
DC current value setting = 1 (001 binary)
1.1
1.25
1.4
A
DC current value setting = 2 (010 binary)
1.35
1.5
1.65
A
DC current value setting = 3 (011 binary)
1.55
1.75
1.95
A
DC current value setting = 4 (100 binary)
1.8
2.0
2.2
A
DC current value setting = 5 (101 binary)
2.0
2.25
2.5
A
DC current value setting = 6 (110 binary)
2.25
2.5
2.75
A
DC current value setting = 7 (111 binary)
2.45
2.75
3.1
A
Low Battery Mode Transition Voltage
Error
3.2
%
Hysteresis
50
mV
Coil Peak Current Limit6
Peak current value setting = 0 (00 binary)
2.02
2.25
2.5
A
Peak current value setting = 1 (01 binary)
2.47
2.75
3.0
A
Peak current value setting = 2 (10 binary)
2.9
3.25
3.5
A
Peak current value setting = 3 (11 binary)
3.15
3.5
3.85
A
Overvoltage Detection Threshold
5.15
5.5
5.9
V
LED1/LED2 Short-Circuit Detection
Comparator Reference Voltage
1.0
1.3
V
Thermal Shutdown Threshold
TJ Rising
150
°C
TJ Falling
140
°C
1
VIN is the input voltage to the circuit.
2
All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC).
3
VSW is the voltage on the SW switch pin.
4
Guaranteed by design. Torch glitch filtering depends directly on internal oscillator tolerances.
5
All dc current limit values are guaranteed by design except for the 1.25 A setting, which is tested in production.
6
All coil peak current limit values are guaranteed by design except for the 2.25 A setting, which is tested in production.
RECOMMENDED SPECIFICATIONS: INPUT AND OUTPUT CAPACITANCE AND INDUCTANCE
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
CAPACITANCE
CMIN
TA = −40°C to +125°C
Input
4.0
10
µF
Output
3.0
10
20
µF
MINIMUM AND MAXIMUM INDUCTANCE
L
TA = −40°C to +125°C
0.6
1.0
1.5
µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com