Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1660ACBZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP1660ACBZ-R7
Description  Dual 750 mA LED Flash Driver with I2C-Compatible Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1660ACBZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP1660ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 12Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
ADP1660
Rev. 0 | Page 11 of 28
ASSIST LIGHT MODE
Assist light mode provides continuous LED current that is
programmable from 0 mA to 200 mA. Set the assist light
current using the I_TOR1 bits in Register 0x08 (for LED1)
and the I_TOR2 bits in Register 0x0B (for LED2).
To enable assist light mode, set the LED_MOD bits to 010
in Register 0x01, and set the LED1_EN and/or LED2_EN
bits to 1 in Register 0x0F. To disable assist light mode, set the
LED_MOD bits to 000 (standby mode), or set the LED1_EN
and LED2_EN bits to 0.
LED2 CURRENT
REG 0x08, I_TOR1 = X XXXXmA
REG 0x0B, I_TOR2 = X XXXXmA
REG 0x01, LED_MOD = 010
REG 0x0F, LED1_EN = 1
LED2_EN = 1
I2C DATA BUS
REG 0x0F, LED1_EN = 0
0A
I_TOR2
LED1 CURRENT
0A
I_TOR1
REG 0x0F, LED2_EN = 0
Figure 17. Enabling Assist Light Mode
FLASH MODE
Flash mode provides up to 750 mA per LED for a program-
mable time of up to 1.6 seconds. Set the flash current using
the I_FL1 bits in Register 0x06 (for LED1) and the I_FL2 bits
in Register 0x09 (for LED2). Set the maximum flash duration
using the FL_TIM bits (Bits[3:0]) in Register 0x02.
To enable flash mode, set the LED_MOD bits to 011 in
Register 0x01, and set the LED1_EN and/or LED2_EN bits
to 1 in Register 0x0F. If the LED1_EN or LED2_EN bit is set
to 0, the corresponding LED will not output current during
the flash, regardless of the flash current level setting.
To enable flash mode without using the STROBE pin, set the
STR_MOD bit to 0 in Register 0x01 (software strobe mode).
When the STR_MOD bit is set to 1 (hardware strobe mode),
setting the STROBE pin high enables flash and synchronizes
it to the image sensor. Hardware strobe mode has two timeout
modes: level sensitive and edge sensitive.
Level-Sensitive STROBE Mode
In level-sensitive mode, the duration of STROBE high sets the
duration of the flash up to the maximum time set by the FL_TIM
timeout bits in Register 0x02 (see Figure 18). If STROBE is kept
high longer than the duration set by the FL_TIM bits, a timeout
fault disables the flash. The timeout fault flag (Bit 4) is set in the
fault information register (Register 0x0C).
LED2 CURRENT
REG 0x0F, LED1_EN = 1
LED2_EN = 1
REG 0x01, STR_MOD = 1
STR_LV = 1
LED_MOD = 011
I2C DATA BUS
0A
I_FL2
STROBE
REG 0x02, FL_TIM = XXXXms
REG 0x06, I_FL1 = XX XXXXmA
REG 0x09, I_FL2 = XX XXXXmA
ADP1660 SETS LED1_EN TO 0.
ADP1660 SETS LED2_EN TO 0.
ADP1660 SETS LED_MOD TO 000.
LED1 CURRENT
0A
I_FL1
Figure 18. Flash Operation: Level-Sensitive Mode
Edge-Sensitive STROBE Mode
In edge-sensitive mode, a rising edge on the STROBE pin
enables the flash, and the FL_TIM bits set the flash duration
(see Figure 19).
LED2 CURRENT
REG 0x0F, LED1_EN = 1
LED2_EN = 1
0A
I_FL2
STROBE
REG 0x02, FL_TIM = XXXXms
REG 0x06, I_FL1 = XX XXXXmA
REG 0x09, I_FL2 = XX XXXXmA
LED1 CURRENT
0A
I_FL1
FL_TIM
I2C DATA BUS
ADP1660 SETS LED1_EN TO 0.
ADP1660 SETS LED2_EN TO 0.
ADP1660 SETS LED_MOD TO 000.
REG 0x01, STR_MOD = 1
STR_LV = 0
LED_MOD = 011
Figure 19. Flash Operation: Edge-Sensitive Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com