Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1660ACBZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP1660ACBZ-R7
Description  Dual 750 mA LED Flash Driver with I2C-Compatible Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1660ACBZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP1660ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 19Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 20Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 21Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
ADP1660
Data Sheet
Rev. 0 | Page 18 of 28
REGISTER MAP
The highest bit number (7) represents the most significant bit; the lowest bit number (0) represents the least significant bit.
Table 11. Register Map
Address
Register Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x00
Design information
DEVICE_ID
REV_ID
0x01
Output mode
IL_PEAK
STR_LV
STR_MOD
STR_POL
LED_MOD
0x02
GPIO and timer
LED_SD
TEST_SR
IO_CFG
FL_TIM
0x03
Additional features
CL_SOFT
DYN_OVP
SW_LO
FREQ_FB
IL_DC
IL_DC_EN
0x04
Low battery mode enable
Reserved
V_BATT_WINDOW
V_VB_LO
0x05
Low battery mode current
Reserved
I_VB_LO
0x06
LED1 flash current
Reserved
I_FL1
0x07
LED1 TxMASK current
Reserved
I_TX1
0x08
LED1 torch/assist current
Reserved
I_TOR1
0x09
LED2 flash current
Reserved
I_FL2
0x0A
LED2 TxMASK current
Reserved
I_TX2
0x0B
LED2 torch/assist current
Reserved
I_TOR2
0x0C
Fault information
FL_OVP
FL_SC
FL_OT
FL_TO
FL_TX
FL_VB_LO
FL_IL
FL_IDC
0x0D
LED1 flash current fault
readback
Reserved
FL_I_FL1
0x0E
LED2 flash current fault
readback
Reserved
FL_I_FL2
0x0F
LED enable mode
Reserved
LED2_EN
LED1_EN
REGISTER DETAILS
Table 12. Design Information Register (Register 0x00)
Bits
Bit Name
Access
Description
[7:3]
DEVICE_ID
R
Device ID for the ADP1660 (00011).
[2:0]
REV_ID
R
Revision ID.
Table 13. Output Mode Register (Register 0x01)
Bits
Bit Name
Access
Description
[7:6]
IL_PEAK
R/W
These bits set the inductor peak current limit.
00 = 2.25 A.
01 = 2.75 A.
10 = 3.25 A (default).
11 = 3.5 A.
5
STR_LV
R/W
This bit sets the sensitivity for the STROBE pin.
0 = edge sensitive.
1 = level sensitive (default).
4
STR_MOD
R/W
This bit sets the strobe mode.
0 = software strobe mode; software flash occurs when the output is enabled in flash mode.
1 = hardware strobe mode; the STROBE pin must go high for flash (default).
3
STR_POL
R/W
This bit sets the polarity of the STROBE pin.
0 = active low.
1 = active high (default).
[2:0]
LED_MOD
R/W
These bits set the LED output mode.
000 = standby mode (default).
001 = fixed 5 V output mode.
010 = assist light mode.
011 = flash mode.
100 = independent trigger mode with timeout enabled.
101 = independent trigger mode with timeout disabled.
110 = fixed 5 V output mode with torch mode (total output current must be below 500 mA).
111 = reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com