Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1660ACBZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP1660ACBZ-R7
Description  Dual 750 mA LED Flash Driver with I2C-Compatible Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1660ACBZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP1660ACBZ-R7 Datasheet HTML 19Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 20Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 21Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 22Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 23Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 24Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 25Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 26Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Data Sheet
ADP1660
Rev. 0 | Page 23 of 28
Table 25. LED1 Flash Current Fault Readback Register (Register 0x0D)
Bits
Bit Name
Access
Description
[7:6]
Reserved
R
Reserved.
[5:0]
FL_I_FL1
R
These bits contain the flash current value for LED1 when the dc current limit fault occurs. The
current setting is equal to the value of these six bits multiplied by 12.5 mA (FL_I_FL1 × 12.5).
00 0000 = 0 mA.
00 0001 = 12.5 mA.
…
00 1000 = 100 mA.
…
01 0100 = 250 mA.
…
10 1000 = 500 mA.
…
11 1100 = 750 mA.
Table 26. LED2 Flash Current Fault Readback Register (Register 0x0E)
Bits
Bit Name
Access
Description
[7:6]
Reserved
R
Reserved.
[5:0]
FL_I_FL2
R
These bits contain the flash current value for LED2 when the dc current limit fault occurs. The
current setting is equal to the value of these six bits multiplied by 12.5 mA (FL_I_FL2 × 12.5).
00 0000 = 0 mA.
00 0001 = 12.5 mA.
…
00 1000 = 100 mA.
…
01 0100 = 250 mA.
…
10 1000 = 500 mA.
…
11 1100 = 750 mA.
Table 27. LED Enable Mode Register (Register 0x0F)
Bits
Bit Name
Access
Description
[7:2]
Reserved
R/W
Reserved.
1
LED2_EN
R/W
This bit enables or disables the LED2 output.
0 = disable LED2 output (default).
1 = enable LED2 output.
To enable both channels at once, set both LED2_EN and LED1_EN to 0 and then set both bits to 1
in the same I2C write command. If LED1 is already enabled and the user tries to set the LED2_EN bit
to 1, this write is ignored.
0
LED1_EN
R/W
This bit enables or disables the LED1 output.
0 = disable LED1 output (default).
1 = enable LED1 output.
To enable both channels at once, set both LED1_EN and LED2_EN to 0 and then set both bits to 1
in the same I2C write command. If LED2 is already enabled and the user tries to set the LED1_EN bit
to 1, this write is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com