Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1660ACBZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP1660ACBZ-R7
Description  Dual 750 mA LED Flash Driver with I2C-Compatible Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1660ACBZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP1660ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 19Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 20Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 21Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 22Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 23Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 24Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet
ADP1660
Rev. 0 | Page 21 of 28
Table 19. LED1 TxMASK Current Register (Register 0x07)
Bits
Bit Name
Access
Description
[7:6]
Reserved
R/W
Reserved.
[5:0]
I_TX1
R/W
These bits set the TxMASK current value for LED1. The current setting is equal to the value of these
six bits multiplied by 12.5 mA (I_TX1 × 12.5). The maximum TxMASK current value is 750 mA.
00 0000 = 0 mA.
00 0001 = 12.5 mA.
…
00 1000 = 100 mA.
…
01 0100 = 250 mA (default).
…
10 1000 = 500 mA.
…
11 1100 = 750 mA.
…
11 1111 = 750 mA.
Table 20. LED1 Torch/Assist Current Register (Register 0x08)
Bits
Bit Name
Access
Description
[7:5]
Reserved
R/W
Reserved.
[4:0]
I_TOR1
R/W
These bits set the torch/assist current value for LED1. The current setting is equal to the value of
these five bits multiplied by 12.5 mA (I_TOR1 × 12.5). The maximum current value is 200 mA.
0 0000 = 0 mA.
…
0 0100 = 50 mA (default).
…
0 1000 = 100 mA.
…
0 1100 = 150 mA.
…
1 0000 = 200 mA.
…
1 1111 = 200 mA.
Table 21. LED2 Flash Current Register (Register 0x09)
Bits
Bit Name
Access
Description
[7:6]
Reserved
R/W
Reserved.
[5:0]
I_FL2
R/W
These bits set the flash current value for LED2. The current setting is equal to the value of these six
bits multiplied by 12.5 mA (I_FL2 × 12.5). The maximum current value is 750 mA.
00 0000 = 0 mA.
00 0001 = 12.5 mA.
…
00 1000 = 100 mA.
…
01 0100 = 250 mA.
…
10 1000 = 500 mA (default).
…
11 1100 = 750 mA.
…
11 1111 = 750 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com