Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1660ACBZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP1660ACBZ-R7
Description  Dual 750 mA LED Flash Driver with I2C-Compatible Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1660ACBZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP1660ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADP1660
Data Sheet
Rev. 0 | Page 8 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
ILED = LED current, VLED = LED output voltage, IBAT = battery current.
CH1 5.00V
CH2 1.00A
CH4 2.00V
CH3 500mA
M800µs
3
4
2
1
T
200µs
VLED1
ILED1
STROBE
INDUCTOR CURRENT
Figure 5. Startup, Flash Mode, VIN = 3.6 V, ILED1 = ILED2 = 750 mA
CH1 5.00V
CH2 100mA
CH4 2.00V
CH3 100mA
M8.00ms
3
4
2
1
T
2.00ms
VLED1
ILED1
ILED2
GPIO (TORCH)
Figure 6. Startup, Torch Mode, VIN = 3.6 V, ILED1 = ILED2 = 150 mA
CH1 5.00V
CH2 1.00A
CH4 5.00V
CH3 500mA
M400µs
3
4
2
1
T
100µs
VLED1
ILED1
STROBE
INDUCTOR CURRENT
Figure 7. Torch Current to 750 mA Flash Transition, ILED1 = ILED2 = 50 mA
CH1 2.00V
CH2 100mA
CH3 50.0mA
M800µs
3
2
1
T
100µs
ILED1
SW
INDUCTOR CURRENT
Figure 8. Switching Waveforms, Flash Mode, ILED1 = ILED2 = 750 mA
CH1 1.00V
CH2 200mA
CH4 100mA
CH3 1.00V
M20.0µs
1
3
2
4
T
0.00000s
VLED1
VIN
ILED1
INDUCTOR CURRENT
A CH2
196mA
Figure 9. Pass-Through to Boost Mode Transition, Single LED, ILED1 = 50 mA
CH1 5.00V
CH2 1.00A
CH4 500mV
CH3 200mA
M20µs
3
4
2
1
T
10µs
VLED1
ILED1
IBAT
GPIO (TxMASK)
Figure 10. Entry into TxMASK Mode, ILED1 = ILED2 = 750 mA to 250 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com