Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1660ACBZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP1660ACBZ-R7
Description  Dual 750 mA LED Flash Driver with I2C-Compatible Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1660ACBZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP1660ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 12Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet
ADP1660
Rev. 0 | Page 9 of 28
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
OUTPUT CURRENT (A)
VIN = 2.7V
VIN = 3.0V
VIN = 3.6V
VIN = 4.2V
Figure 11. Efficiency vs. Output Current, Fixed 5 V Output Mode
–3
–2
–1
0
1
2
3
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (ºC)
100mA PER CHANNEL
200mA PER CHANNEL
500mA PER CHANNEL
750mA PER CHANNEL
Figure 12. LED Current Error vs. Temperature
0
10
20
30
40
50
60
70
80
90
100
100
300
500
700
900
1100
1300
1500
OUTPUT CURRENT (mA)
VIN = 3.6V
VIN = 2.7V
Figure 13. Efficiency (PLED/PIN) vs. LED Output Current
0
1
2
3
4
5
6
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (ºC)
VIN = 4.5V
VIN = 2.7V
Figure 14. Standby Current vs. Temperature
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (ºC)
100mA PER CHANNEL
200mA PER CHANNEL
500mA PER CHANNEL
750mA PER CHANNEL
Figure 15. LED Matching vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com