Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1660ACBZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP1660ACBZ-R7
Description  Dual 750 mA LED Flash Driver with I2C-Compatible Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1660ACBZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP1660ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 19Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 20Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Data Sheet
ADP1660
Rev. 0 | Page 17 of 28
I2C INTERFACE
The ADP1660 includes an I2C-compatible serial interface for
control of the LED currents, as well as for readback of system
status registers. The I2C chip address is 0x30 (0x60 in write
mode and 0x61 in read mode). Additional I2C addresses are
available on request.
Figure 29 shows the I2C write sequence for a single register.
The subaddress byte selects the register that is written to. The
ADP1660 sends an acknowledgment to the master after the 8-bit
data byte is written. Figure 30 shows the I2C read sequence for a
single register.
For information about the registers and descriptions of all
register bits, see the Register Map section.
SUBADDRESS
CHIP ADDRESS
0
1
1
0
0
0
0
0
0
0
0 = WRITE
0
ADP1660 RECEIVES
DATA
S
T
S
P
MASTER
STOP
Figure 29. I2C Write Sequence for a Single Register
CHIP ADDRESS
0
1
1
0
0 0
0
0
0
1
0
MASTER
STOP
CHIP ADDRESS
S
T
S
T
0 1
1
0
0
0
0
0
1
0
0 = WRITE
1 = READ
S
P
ADP1660 SENDS
DATA
SUBADDRESS
Figure 30. I2C Read Sequence for a Single Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com