Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1660ACBZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP1660ACBZ-R7
Description  Dual 750 mA LED Flash Driver with I2C-Compatible Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1660ACBZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP1660ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 19Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 20Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 21Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 22Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Data Sheet
ADP1660
Rev. 0 | Page 19 of 28
Table 14. GPIO and Timer Register (Register 0x02)
Bits
Bit Name
Access
Description
7
LED_SD
R/W
This bit configures the shutdown function for LED1 and LED2.
0 = enter shutdown after LED1 or LED2 flash or torch ends (default).
1 = do not enter shutdown after LED1 or LED2 flash or torch ends.
6
TEST_SR
R/W
Test mode only. This bit must be set to its default value, 1. Do not set this bit to 0.
[5:4]
IO_CFG
R/W
These bits configure the GPIO pin.
00 = high impedance (default).
01 = torch mode.
10 = TxMASK operation mode.
11 = torch mode without the 8 ms deglitch filter.
[3:0]
FL_TIM
R/W
These bits set the flash timer value.
0000 = 100 ms.
0001 = 200 ms.
…
0100 = 500 ms.
…
0110 = 700 ms.
…
1001 = 1000 ms.
…
1100 = 1300 ms.
…
1111 = 1600 ms (default).
Table 15. Additional Features Register (Register 0x03)
Bits
Bit Name
Access
Description
7
CL_SOFT
R/W
This bit enables or disables the soft inductor peak current limit.
0 = enable soft inductor peak current limit.
1 = disable soft inductor peak current limit (default). The ADP1660 is disabled when the inductor
peak current limit is reached.
6
DYN_OVP
R/W
This bit enables or disables dynamic OVP.
0 = disable dynamic OVP (default).
1 = enable dynamic OVP.
5
SW_LO
R/W
This bit sets the switching frequency.
0 = 3 MHz (default).
1 = 1.5 MHz.
4
FREQ_FB
R/W
This bit enables or disables frequency foldback to 1.5 MHz.
0 = disable frequency foldback (default).
1 = enable frequency foldback.
[3:1]
IL_DC
R/W
These bits set the input dc current limit. (Bit 0 must be set to 1.)
000 = 1.0 A.
001 = 1.25 A.
010 = 1.5 A.
011 = 1.75 A.
100 = 2.0 A (default).
101 = 2.25 A.
110 = 2.5 A.
111 = 2.75 A.
0
IL_DC_EN
R/W
This bit enables or disables the input dc current limit function.
0 = disable input dc current limit (default).
1 = enable input dc current limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com