Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1660ACBZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP1660ACBZ-R7
Description  Dual 750 mA LED Flash Driver with I2C-Compatible Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1660ACBZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP1660ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 12Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
ADP1660
Data Sheet
Rev. 0 | Page 14 of 28
BATTERY INPUT DC CURRENT LIMIT
The ADP1660 has an optional programmable input dc current
limit that limits the maximum battery current used over all con-
ditions. This feature allows higher LED currents to be used in a
system with significant variation in LED forward voltage (VF) and
supply battery voltage without the risk of exceeding the current
allocated to the flash. To enable the input dc current limit, set
the IL_DC_EN bit (Bit 0) in Register 0x03. To set the input dc
current limit, use the IL_DC bits (Bits[3:1]) in Register 0x03
(see Table 10).
Table 10. Input DC Current Limit
IL_DC Bit Value
DC Current Limit (A)
000
1.0
001
1.25
010
1.5
011
1.75
100
2.0 (default)
101
2.25
110
2.5
111
2.75
During startup of the flash, if the battery current does not
exceed the dc current limit, the LED1 and LED2 currents are
set to the values of the I_FL1 and I_FL2 bits in Register 0x06
and Register 0x09, respectively.
If the battery current exceeds the programmed dc current limit
on startup, the LED current does not increase further. The dc
current limit flag is set in the fault information register (Bit 0
of Register 0x0C). The FL_I_FL1 bits in Register 0x0D and the
FL_I_FL2 bits in Register 0x0E are set to the actual LED current
values and are available for readback.
REG 0x02, FL_TIM = XXXXms
REG 0x06, I_FL1 = XX XXXXmA
REG 0x09, I_FL2 = XX XXXXmA
REG 0x03, IL_DC_EN = 1
IL_DC = XX A
I2C DATA BUS
STROBE
PROGRAMMED LED CURRENT
ACTUAL LED CURRENT
ADP1660 SETS FL_IDC (REG 0x0C) TO 1.
ADP1660 SETS FL_I_FL1 (REG 0x0D)
TO ACTUAL LED CURRENT.
ADP1660 SETS LED1_EN TO 0.
ADP1660 SETS LED2_EN TO 0.
ADP1660 SETS LED_MOD TO 000.
REG 0x0F, LED1_EN = 1
LED2_EN = 1
REG 0x01, STR_LV = 1
LED_MOD = 011
ADP1660 SETS FL_I_FL2 (REG 0x0E)
TO ACTUAL LED CURRENT.
Figure 25. DC Current Limit Operation in a Low Battery, High LED VF Case
The camera system shown in Figure 26 can adjust the image
sensor settings based on the known reduced LED current for
a low battery and a high VF LED.
SELECT FLASH CURRENT
SELECT MAX BATTERY CURRENT
PREFLASH STROBE
DC LIMIT
EXCEEDED?
LED CURRENT =
PROGRAMMED LED
CURRENT
NO
LED CURRENT LOCKED
AT CURRENT VALUE
YES
BATTERY CURRENT =
PROGRAMMED DC LIMIT
READ LED CURRENT
(REG 0x0D AND REG 0x0E)
ADJUST IMAGE SENSOR
STROBE
STROBE
Figure 26. Use of the DC Current Limit in an Optimized Camera System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com