Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1660ACBZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP1660ACBZ-R7
Description  Dual 750 mA LED Flash Driver with I2C-Compatible Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1660ACBZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP1660ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 19Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 20Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 21Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 22Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 23Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 24Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 25Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
ADP1660
Data Sheet
Rev. 0 | Page 22 of 28
Table 22. LED2 TxMASK Current Register (Register 0x0A)
Bits
Bit Name
Access
Description
[7:6]
Reserved
R/W
Reserved.
[5:0]
I_TX2
R/W
These bits set the TxMASK current value for LED2. The current setting is equal to the value of these
six bits multiplied by 12.5 mA (I_TX2 × 12.5). The maximum TxMASK current value is 750 mA.
00 0000 = 0 mA.
00 0001 = 12.5 mA.
…
00 1000 = 100 mA.
…
01 0100 = 250 mA (default).
…
10 1000 = 500 mA.
…
11 1100 = 750 mA.
…
11 1111 = 750 mA.
Table 23. LED2 Torch/Assist Current Register (Register 0x0B)
Bits
Bit Name
Access
Description
[7:5]
Reserved
R/W
Reserved.
[4:0]
I_TOR2
R/W
These bits set the torch/assist current value for LED2. The current setting is equal to the value of
these five bits multiplied by 12.5 mA (I_TOR2 × 12.5). The maximum current value is 200 mA.
0 0000 = 0 mA.
…
0 0100 = 50 mA (default).
…
0 1000 = 100 mA.
…
0 1100 = 150 mA.
…
1 0000 = 200 mA.
…
1 1111 = 200 mA.
Table 24. Fault Information Register (Register 0x0C)
Bits
Bit Name
Access
Description
7
FL_OVP
R
0 = no overvoltage fault (default).
1 = overvoltage fault.
6
FL_SC
R
0 = no short-circuit fault (default).
1 = short-circuit fault.
5
FL_OT
R
0 = no overtemperature fault (default).
1 = overtemperature fault.
4
FL_TO
R
0 = no timeout fault (default).
1 = timeout fault.
3
FL_TX
R
0 = no TxMASK operation mode during last flash (default).
1 = TxMASK operation mode occurred during last flash.
2
FL_VB_LO
R
Low battery detection threshold status; low battery detection must be enabled in Register 0x04.
0 = VDD is greater than the configured low battery threshold (default).
1 = VDD is less than the configured low battery threshold.
1
FL_IL
R
0 = no inductor peak current limit fault (default).
1 = inductor peak current limit fault.
0
FL_IDC
R
DC current limit threshold status; dc current limit must be enabled in Register 0x03.
0 = dc current limit not reached (default).
1 = dc current limit reached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com