Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1660ACBZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP1660ACBZ-R7
Description  Dual 750 mA LED Flash Driver with I2C-Compatible Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1660ACBZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP1660ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ADP1660
Data Sheet
Rev. 0 | Page 6 of 28
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
VIN, SDA, SCL, EN, GPIO, STROBE,
LED1, LED2, SW, VOUT to PGND
−0.3 V to +6 V
PGND to SGND
−0.3 V to +0.3 V
Ambient Temperature Range (TA)
−40°C to +85°C
Junction Temperature Range (TJ)
−40°C to +125°C
Storage Temperature
JEDEC J-STD-020
ESD
Human Body Model
±1000 V
Charged Device Model
±500 V
Machine Model
±150 V
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL DATA
The ADP1660 may be damaged if the junction temperature
(TJ) limits are exceeded. Monitoring ambient temperature (TA)
does not guarantee that TJ is within the specified temperature
limits. In applications with high power dissipation and poor PCB
thermal resistance, the maximum TA may need to be derated.
In applications with moderate power dissipation and low PCB
thermal resistance, the maximum TA can exceed the maximum
limit as long as TJ is within the specification limits.
The junction temperature (TJ) of the device is dependent on
the ambient temperature (TA), the power dissipation (PD) of the
device, and the junction-to-ambient thermal resistance (θJA) of
the package. Maximum TJ is calculated from TA and PD using
the following formula:
TJ = TA + (PD × θJA)
THERMAL RESISTANCE
The junction-to-ambient thermal resistance (θJA) of the package
is based on modeling and calculation using a 4-layer board. θJA
is highly dependent on the application and board layout. In
applications where high maximum power dissipation exists,
close attention to thermal board design is required.
The value of θJA may vary, depending on PCB material, layout,
and environmental conditions. The specified value of θJA is based
on a 4-layer, 4 inch × 3 inch, 2½ oz copper board, per JEDEC
standards. For more information, see the AN-617 Application
Note, Wafer Level Chip Scale Package.
In Table 5, θJA is specified for a device mounted on a JEDEC
2S2P PCB.
Table 5. Thermal Resistance
Package Type
θJA
Unit
12-Ball WLCSP
75
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com