Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1660ACBZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP1660ACBZ-R7
Description  Dual 750 mA LED Flash Driver with I2C-Compatible Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1660ACBZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP1660ACBZ-R7 Datasheet HTML 12Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 19Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
ADP1660
Data Sheet
Rev. 0 | Page 16 of 28
SAFETY FEATURES
For critical fault conditions—such as output overvoltage, flash
timeout, LED output short circuit, and overtemperature condi-
tions—the ADP1660 has built-in protection modes. If a critical
fault occurs, the LED1_EN and LED2_EN bits in Register 0x0F
are set to 0 and the driver shuts down. The appropriate fault bit
is set in the fault information register (Register 0x0C). The pro-
cessor can read the fault information register through the I2C
interface to determine the nature of the fault condition. When
the fault register is read, the fault bit is cleared.
If a noncritical event occurs, the LED driver continues to oper-
ate. Noncritical events include TxMASK event, dc current limit
reached, or soft inductor current limit reached. The corresponding
information bits are set in the fault information register
(Register 0x0C) until the processor reads them.
SHORT-CIRCUIT FAULT
When the flash driver is disabled, the high-side current regu-
lator disconnects the dc path between the battery and the LED,
protecting the system from an LED short circuit. The LED1 and
LED2 pins feature short-circuit protection that monitors the LED
voltage when the LED driver is enabled. If the voltage on the LED1
or LED2 pin remains below the short-circuit detection threshold,
a short circuit is detected, and Bit 6 of the fault information register
(Register 0x0C) is set high. The ADP1660 remains disabled until
the processor clears the fault register.
OVERVOLTAGE FAULT
The ADP1660 contains a comparator at the VOUT pin that
monitors the voltage between VOUT and PGND. If the voltage
exceeds 5.5 V (typical), the ADP1660 shuts down. Bit 7 in the
fault information register (Register 0x0C) is read back as high.
The ADP1660 is disabled until the fault is cleared, ensuring
protection against an open circuit, which would cause an
overvoltage condition.
DYNAMIC OVERVOLTAGE PROTECTION MODE
Dynamic overvoltage protection (OVP) mode is a programmable
feature that prevents the VOUT voltage from exceeding the OVP
level while maintaining as much current as possible through the
LEDs. Dynamic OVP mode prevents an overvoltage fault in the
case of a much higher than expected LED forward voltage. If the
LED forward voltage is reduced due to a rise in LED tempera-
ture, the ADP1660 transitions out of dynamic OVP mode and
regulates the LED at the programmed current level. To enable
dynamic OVP mode, set Bit 6 of Register 0x03 high.
TIMEOUT FAULT
If hardware strobe mode is enabled and strobe is set to level-
sensitive mode (Register 0x01, Bits[5:4] = 11) and if the STROBE
pin remains high for longer than the programmed timeout period,
the timeout fault bit (Register 0x0C, Bit 4) is read back as high.
The ADP1660 remains disabled until the processor clears the
fault register. The timeout value is set using the FL_TIM bits
(Bits[3:0]) in Register 0x02.
OVERTEMPERATURE FAULT
If the junction temperature of the ADP1660 rises above 150°C,
a thermal protection circuit shuts down the device. Bit 5 of the
fault information register (Register 0x0C) is set high. The ADP1660
remains disabled until the processor clears the fault register.
CURRENT LIMIT
An internal switch limits battery current by ensuring that the
peak inductor current does not exceed the limit programmed
using Bits[7:6] in Register 0x01. By default, the soft inductor
peak current limit mode is disabled (Register 0x03, Bit 7 = 1).
When the soft inductor peak current limit is disabled and the
peak inductor current exceeds the limit, Bit 1 of the fault infor-
mation register (Register 0x0C) is set high. The ADP1660 shuts
down and remains disabled until the processor clears the fault
register.
When the soft inductor peak current limit is enabled (Register
0x03, Bit 7 = 0) and the peak inductor current reaches the limit,
Bit 1 of the fault information register (Register 0x0C) is set high.
The inductor and LED current cannot increase further, but the
ADP1660 continues to operate.
INPUT UNDERVOLTAGE
The ADP1660 includes a battery undervoltage lockout circuit.
During fixed 5 V output or LED operation, if the battery voltage
falls below the input UVLO threshold (2.4 V typical), the ADP1660
shuts down. A power-on reset circuit resets the registers to their
default values when the voltage rises above the UVLO rising
threshold.
SOFT START
The ADP1660 uses a soft start that controls the rate of increase
of battery current at startup by digitally controlling the output
current ramp. The maximum soft start time is 0.6 ms.
RESET USING THE ENABLE (EN) PIN
A low-to-high transition on the EN pin resets all registers to their
default values. Bringing EN low reduces the IQ to 0.2 µA (typical).
CLEARING FAULTS
The bits in the fault information register (Register 0x0C) are
cleared automatically when the processor reads the fault register
(provided that the faults no longer exist).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com