Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1660ACBZ-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP1660ACBZ-R7
Description  Dual 750 mA LED Flash Driver with I2C-Compatible Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1660ACBZ-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADP1660ACBZ-R7 Datasheet HTML 1Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP1660ACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
ADP1660
Data Sheet
Rev. 0 | Page 2 of 28
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Recommended Specifications: Input and Output Capacitance
and Inductance ............................................................................. 4
I2C-Compatible Interface Timing Specifications ..................... 5
Absolute Maximum Ratings............................................................ 6
Thermal Data ................................................................................ 6
Thermal Resistance ...................................................................... 6
ESD Caution.................................................................................. 6
Pin Configuration and Function Descriptions............................. 7
Typical Performance Characteristics ............................................. 8
Theory of Operation ...................................................................... 10
White LED Driver ...................................................................... 10
Modes of Operation ................................................................... 10
Assist Light Mode....................................................................... 11
Flash Mode .................................................................................. 11
Assist to Flash Mode .................................................................. 12
Torch Mode ................................................................................. 12
Torch to Flash Mode .................................................................. 12
TxMASK Operation................................................................... 12
Independent Trigger Modes...................................................... 13
Fixed 5 V Output Mode............................................................. 13
Frequency Foldback................................................................... 13
Low Battery LED Current Foldback ........................................ 13
Battery Input DC Current Limit .............................................. 14
Fixed 5 V Output Mode with Torch ........................................ 15
Safety Features................................................................................. 16
Short-Circuit Fault ..................................................................... 16
Overvoltage Fault ....................................................................... 16
Dynamic Overvoltage Protection Mode ................................. 16
Timeout Fault.............................................................................. 16
Overtemperature Fault .............................................................. 16
Current Limit.............................................................................. 16
Input Undervoltage .................................................................... 16
Soft Start ...................................................................................... 16
Reset Using the Enable (EN) Pin ............................................. 16
Clearing Faults............................................................................ 16
I2C Interface .................................................................................... 17
Register Map ................................................................................... 18
Register Details........................................................................... 18
Applications Information .............................................................. 24
External Component Selection ................................................ 24
PCB Layout...................................................................................... 25
Outline Dimensions....................................................................... 26
Ordering Guide .......................................................................... 26
REVISION HISTORY
10/12—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com