Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2202 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ZIOL2202
Description  IO-Link compliant HV Line Driver IC Family
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZIOL2202 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ZIOL2202 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 14Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 91 page
background image
ZIOL2xxx – IC Family
IO-Link compliant HV Line Driver IC Family
Data Sheet
January 31, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
11 of 90
Symbol
Parameter
Min
Typ
1)
Max
Unit
Conditions
WURQ Detection
twurqL
Lower pulse width limit of signal
evaluated as IO-Link wake-up
60
68
75
µs
Refer to chapter 3.3.4
twurqU
Upper pulse width limit of signal
evaluated as IO-Link wake-up
85
94
109
µs
Refer to chapter 3.3.4
DC/DC converter
5
VOUT
Output voltage Range
6)
3
15
V
@ VDD_HV > Vout + 2V
(step down function only)
ILOAD
Output load current
5
4)
50
mA
Current that flows to the
application and the R-Divider
IPK
Over current limit for output
transistor
240
mA
Averaged current over complete
short at DCDC converter output
fosc
Operating frequency
2.25
2.75
MHz
Vref
Reference/feedback Voltage
1.225
V
at FB pin in steady state
ΔVOUT_Line
DC Output Line Regulation
8
mV/V
@Vout=5V, ILOAD = 5mA
Filter: C=10µF, L=10µH
DC Output Load Regulation
mV/mA
@Vout=3.3V 0.7
1.4
ΔVOUT_Load
@Vout=15V 3.3
6.9
Filter: C=10µF, L=10µH
VOUT = 5V
Ripple of Output Voltage
@ VDD_HV >= 24V
65
7)
Vripple
@ VDD_HV < 24V
25
7)
mVPP
Filter: C=10µF, L=10µH
VOUT = 5V
tstrt
Settling time after POR is
released
1
ms
For C=10µF, L=10µH
Higher C may result in higher tstrt
tDLY
digital delay for DC_RDY signal
45
50
55
ms
If enabled in configuration
η
Efficiency
8)
%
Filter: C=10µF, L=10µH
5 The DC/DC converter is only available inside the products ZIOL2401/2402/2201/2202/2101/2102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com