Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2202 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # ZIOL2202
Description  IO-Link compliant HV Line Driver IC Family
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZIOL2202 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button ZIOL2202 Datasheet HTML 28Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 29Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 30Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 31Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 32Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 33Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 34Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 35Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 91 page
background image
ZIOL2xxx – IC Family
IO-Link compliant HV Line Driver IC Family
Data Sheet
January 31, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
32 of 90
Figure 3.10 General timing of a byte transfer
SPI feature summary:
 The interface works in SPI-slave mode only
 The timing follows the scheme in Figure 3.10 which defines
▬ Clock Polarity CPOL = 1 (clock is idle high)
▬ Clock Phase CPHA = 1 (data captured with 2
nd clock edge after SPI_EN_L went low; data are read on
clock’s rising edge and data are changed on a falling edge)
 Maximum clock frequency of the SPI_CLK shall not exceed 4 MHz for accessing the on-chip EEPROM and
10 MHz for other SPI accesses
 SPI clock duty cycle: 40…60%
 MSB will be transmitted first
 If access exceeds last byte, a wrap will NOT happen – the last byte will be written correctly, rest will be
disregarded
 Block write (access to more than one address location) is only supported for the configuration-register area
but not for the EEPROM area.
 Block read is supported for both the EEPROM and configuration-register area.
 During enabling the SPI (SPI_EN_L = low ) the input lines of the COM driver are latched, so the COM
driver does not change its output state while SPI is enabled.
The SPI telegram structure can be divided into three types of SPI accesses:
 READ: read access to register file or EEPROM, block access possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com